Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC6270 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC6270
Description  IttyBitty??Comparator Advance Information
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC6270 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC6270 Datasheet HTML 1Page - Micrel Semiconductor MIC6270 Datasheet HTML 2Page - Micrel Semiconductor MIC6270 Datasheet HTML 3Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MIC6270
Micrel
9-14
October 1998
Electrical Characteristics
V+ = 5V; T
A = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C, TA = TJ; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OS
Input Offset Voltage
Note 2
25
mV
9
mV
I
B
Input Bias Current
I
IN(+) or IIN(–) with output in linear range,
25
250
nA
V
CM = 0V, Note 3
400
nA
I
OS
Input Offset Current
I
IN(+) – IIN(–), VCM = 0V
5
50
nA
150
nA
V
CM
Input Voltage Range
V+ = 30V, Note 4
0
V+ – 1.5
V
V+ – 2
V
I
S
Supply Current
R
L = ∞
0.3
0.9
mA
R
L = ∞, V+ = 36V
0.4
1.2
mA
Voltage Gain
R
L ≥ 15kΩ, V+ = 15V
50
200
V/mV
V
O = 1V to 11V
Large Signal Response Time
V
IN = TTL logic swing, VREF = 1.4V
300
ns
V
RL = 5V, RL = 5.1kΩ
Response Time
V
RL = 5V, RL = 5.1kΩ, Note 5
0.6
µs
Output Sink Current
V
IN(–) = 1V, VIN(+) = 0, VO ≤ 1.5V
10
20
mA
Output Pull-Up Current
15
50
µA
Saturation Voltage
V
IN(–) = 1V, VIN(+) = 0, ISINK ≤ 4mA
250
400
mV
700
mV
Differential Input Voltage
V
IN(+), VIN(–) ≥ 0V (or V–, if used), Note 6
36
V
General Note: Devices are ESD protected; however, handling precautions are recommended.
Note 1:
A short circuit from OUT to V+ can cause excessive heating and damage the device. The maximum short circuit output current (OUT to V–) is
approximately 20mA, independent of V
V+.
Note 2:
Measured at the output switch point where V
OUT ≅ 1.4Vdc with RS = 0Ω, V+ = 5Vdc to 30Vdc, and over the full input common-mode range
(0Vdc to V+ – 1.5Vdc).
Note 3:
The direction of input current is out of the device due to its PNP input.
Note 4:
The input common-mode voltage, V
IN+, or VIN– must not go below –0.3V. The upper end of the common-mode voltage range is V+ – 1.5V at
25
°C, but either or both inputs can go to +36Vdc without damage, independent of of V
V+.
Note 5:
The response time measured using a 100mV input step with 5mV overdrive. With greater overdrive, 300ns can be obtained. See “Typical
Characteristics.”
Note 6:
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode
range, the comparator will provide a proper output state. The low input voltage state must not be below –0.3Vdc (or 0.3Vdc below V
V–).
Absolute Maximum Ratings
Supply Voltage (V
V+ – VV–) ............................. 36V or ±18V
Differential Input Voltage (V
IN+ – VIN–) ....................... ±36V
Input Voltage ............................................... –0.3V to +36 V
Input Current (V
IN < –0.3V) ........................................ 50mA
Output Short-Circuit to GND, Note 1 ................................
∞
Storage Temperature Range ................... –65
°C to +150°C
Lead Temperature (soldering, 10 secs.) ................... 260
°C
Operating Ratings
Supply Voltage .................................................... 2V to 36V
Ambient Temperature Range ..................... –40
°C to +85°C
SOT-23-5 Thermal Resistance (
θ
JA) ..................... 220°C/W
(mounted to printed circuit board)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com