Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6772 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6772
Description  Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6772 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMC6772 Datasheet HTML 9Page - Texas Instruments LMC6772 Datasheet HTML 10Page - Texas Instruments LMC6772 Datasheet HTML 11Page - Texas Instruments LMC6772 Datasheet HTML 12Page - Texas Instruments LMC6772 Datasheet HTML 13Page - Texas Instruments LMC6772 Datasheet HTML 14Page - Texas Instruments LMC6772 Datasheet HTML 15Page - Texas Instruments LMC6772 Datasheet HTML 16Page - Texas Instruments LMC6772 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LMC6772
www.ti.com
SNOS749F – SEPTEMBER 1995 – REVISED MARCH 2013
OUTPUT SHORT CIRCUIT CURRENT
The LMC6772 has short circuit protection of 40 mA. However, it is not designed to withstand continuous short
circuits, transient voltage or current spikes, or shorts to any voltage beyond the supplies. A resistor is series with
the output should reduce the effect of shorts. For outputs which send signals off PC boards additional protection
devices, such as diodes to the supply rails, and varistors may be used.
HYSTERESIS
If the input signal is very noisy, the comparator output might trip several times as the input signal repeatedly
passes through the threshold. This problem can be addressed by making use of hysteresis as shown below.
Figure 31. Canceling the Effect of Input Capacitance
The capacitor added across the feedback resistor increases the switching speed and provides more short term
hysteresis. This can result in greater noise immunity for the circuit.
SPICE MACROMODEL
A Spice Macromodel is available for the LMC6772. The model includes a simulation of:
•
Input common-mode voltage range
•
Quiescent and dynamic supply current
•
Input overdrive characteristics
and many more characteristics as listed on the macromodel disk.
A SPICE macromodel of this and many other op amps is available at no charge from the WEBENCH Design
Center Team at www.ti.com
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMC6772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com