Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7715 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7715
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7715 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP7715 Datasheet HTML 9Page - Texas Instruments LMP7715 Datasheet HTML 10Page - Texas Instruments LMP7715 Datasheet HTML 11Page - Texas Instruments LMP7715 Datasheet HTML 12Page - Texas Instruments LMP7715 Datasheet HTML 13Page - Texas Instruments LMP7715 Datasheet HTML 14Page - Texas Instruments LMP7715 Datasheet HTML 15Page - Texas Instruments LMP7715 Datasheet HTML 16Page - Texas Instruments LMP7715 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
10
1k
10k 100k
1M
10M 100M
FREQUENCY (Hz)
0.01
0.1
1
10
100
100
100
10k
10M
FREQUENCY (Hz)
-5
-1
5
1M
100 k
1k
3
1
-3
4
2
0
-2
-4
PHASE
GAIN
VS = 5V
RL = 2 k:
CL = 20 pF
VO = 2 VPP
AV = +1
-45
225
135
45
-135
180
90
0
-90
-180
-225
LMP7715, LMP7716, LMP7716Q
www.ti.com
SNOSAV0E – MARCH 2006 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, VS = 5V, VCM = VS/2.
Closed Loop Frequency Response
Closed Loop Output Impedance vs. Frequency
Figure 47.
Figure 48.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP7715 LMP7716 LMP7716Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com