Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7716 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7716
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7716 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP7716 Datasheet HTML 5Page - Texas Instruments LMP7716 Datasheet HTML 6Page - Texas Instruments LMP7716 Datasheet HTML 7Page - Texas Instruments LMP7716 Datasheet HTML 8Page - Texas Instruments LMP7716 Datasheet HTML 9Page - Texas Instruments LMP7716 Datasheet HTML 10Page - Texas Instruments LMP7716 Datasheet HTML 11Page - Texas Instruments LMP7716 Datasheet HTML 12Page - Texas Instruments LMP7716 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
1.5
2.5
3.5
4.5
5.5
0
10
20
30
40
50
VS (V)
-40°C
25°C
125°C
RL = 2 k:
1.5
2.5
3.5
4.5
5.5
0
30
60
90
120
150
VS (V)
125°C
25°C
-40°C
RL = 600:
1.5
2.5
3.5
4.5
5.5
0
10
20
30
40
50
VS (V)
125°C
25°C
-40°C
RL =10 k:
1.5
2.5
3.5
4.5
5.5
0
10
20
30
40
50
VS (V)
125°C
25°C
-40°C
RL = 2 k:
0
1
2
3
4
5
0
5
10
15
20
25
30
VOUT (V)
125°C
25°C
-40°C
1.5
2.5
3.5
4.5
5.5
0
10
20
30
40
50
VS (V)
125°C
25°C
-40°C
RL = 10 k:
LMP7715, LMP7716, LMP7716Q
www.ti.com
SNOSAV0E – MARCH 2006 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, VS = 5V, VCM = VS/2.
Sinking Current vs. Output Voltage
Output Swing High vs. Supply Voltage
Figure 23.
Figure 24.
Output Swing Low vs. Supply Voltage
Output Swing High vs. Supply Voltage
Figure 25.
Figure 26.
Output Swing Low vs. Supply Voltage
Output Swing High vs. Supply Voltage
Figure 27.
Figure 28.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMP7715 LMP7716 LMP7716Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com