Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7721MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7721MA/NOPB
Description  3-Femtoampere Input Bias Current Precision Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7721MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP7721MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
4
-10
8
VCM (V)
-8
-6
-4
-2
0
2
4
6
V
+
= +5V
V
-
= 0V
TA = 125°C
-200
-100
0
100
OFFSET VOLTAGE (2V)
0
5
10
20
25
V
+
= 2.5V
V
-
= 0V
200
15
0
0.5
1
1.5
2
2.5
3
3.5
-400
400
VCM (V)
-300
-200
-100
0
100
200
300
V
+
= +5V
V
-
= 0V
TA = 85°C
0
0.5
1
1.5
2
2.5
3
3.5
4
-1.2
0.4
VCM (V)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
V
+
= +5V
V
-
= 0V
TA = 85°C
0
1
2
3
3.5
-20
-15
-10
-5
0
5
VCM (V)
V
+
= 5V
V
-
= 0V
TA = 25°C
1.5
0.5
2.5
0
1
2
3
4
-50
-40
-30
-20
-10
0
10
VCM (V)
V
+
= 5V
V
-
= 0V
TA = 25°C
LMP7721
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
www.ti.com
6.7 Typical Characteristics
Unless otherwise specified: TA = 25°C, VCM = (V
+ + V−)/2.
Figure 1. Input Bias Current vs. VCM
Figure 2. Input Bias Current vs. VCM
Figure 3. Input Bias Current vs. VCM
Figure 4. Input Bias Current vs. VCM
Figure 6. Offset Voltage Distribution
Figure 5. Input Bias Current vs. VCM
8
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LMP7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com