Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7731MA/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7731MA/NOPB
Description  2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7731MA/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMP7731MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
V
+
R1
R2
IN
+
IN
-
I1
INPUT STAGE
IBIAS CANCELLATION CIRCUIT
Q1
Q2
V
+
R
C1
R
C2
LMP7731
SNOSAT6E – JULY 2007 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
LMP7731
The LMP7731 is a single, low noise, rail-to-rail input and output, and low voltage amplifier.
The low input voltage noise of only 2.9 nV/
√Hz with a 1/f corner at 3 Hz makes the LMP7731 ideal for sensor
applications where DC accuracy is of importance.
The LMP7731 has a high gain bandwidth of 22 MHz. This wide bandwidth enables use of the amplifier at higher
gain settings while retaining usable bandwidth for the application. This is particularly beneficial when system
designers need to use sensors with very limited output voltage range as it allows larger gains in one stage which
in turn increases the signal to noise ratio.
The LMP7731 has proprietary input bias cancellation circuitry on the input stages. This allows the LMP7731 to
have only about 1.5 nA bias current with a bipolar input stage. This low input bias current, paired with the
inherent lower input voltage noise of bipolar input stages makes the LMP7731 an excellent choice for precision
applications. The combination of low input bias current, and low input voltage noise enables the user to achieve
unprecedented accuracy and higher signal integrity.
Texas Instruments is heavily committed to precision amplifiers and the market segment they serve. Technical
support and extensive characterization data are available for sensitive applications or applications with a
constrained error budget.
The LMP7731 is offered in the space saving 5-Pin SOT-23 and 8-Pin SOIC packages. These small packages are
ideal solutions for area constrained PC boards and portable electronics.
INPUT BIAS CURRENT CANCELLATION
The LMP7731 has proprietary input bias current cancellation circuitry on their input stages.
The LMP7731 has rail-to-rail input. This is achieved by having two input stages in parallel. Figure 44 shows only
one of the input stages as the circuitry is symmetrical for both stages.
Figure 44 shows that as the common mode voltage gets closer to one of the extreme ends, current I1
significantly increases. This increased current shows as an increase in voltage drop across resistor R1 equal to
I1*R1 on IN
+ of the amplifier. This voltage contributes to the offset voltage of the amplifier. When common mode
voltage is in the mid-range, the transistors are operating in the linear region and I1 is significantly small. The
voltage drop due to I1 across R1 can be ignored as it is orders of magnitude smaller than the amplifier's input
offset voltage.
As the common mode voltage gets closer to one of the rails, the offset voltage generated due to I1 increases and
becomes comparable to the amplifiers offset voltage.
Figure 44. Input Bias Current Cancellation
14
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com