Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC706P Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC706P
Description  關P Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC706P Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC706P Datasheet HTML 1Page - Micrel Semiconductor MIC706P Datasheet HTML 2Page - Micrel Semiconductor MIC706P Datasheet HTML 3Page - Micrel Semiconductor MIC706P Datasheet HTML 4Page - Micrel Semiconductor MIC706P Datasheet HTML 5Page - Micrel Semiconductor MIC706P Datasheet HTML 6Page - Micrel Semiconductor MIC706P Datasheet HTML 7Page - Micrel Semiconductor MIC706P Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC706P/R/S/T, MIC708R/S/T
µP Supervisory Circuits
2
Electrical Characteristics
VCC = 2.70V to 5.5V for MIC70_P/R, VCC = 3.00V to 5.5V for MIC70_S, VCC = 3.15V to 5.5V for MIC70_T, TA = -40°C to 85°C
unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage Range, VCC
1.4
5.5
V
Supply Current
30
µA
Reset Voltage Threshold
MIC70_P/R
2.55
2.63
2.70
V
MIC70_S
2.85
2.93
3.00
MIC70_T
3.00
3.08
3.15
Reset Threshold Hysteresis
20
mV
Reset Pulse Width, tRS
140
200
280
ms
RESET Output Voltage
ISource = 200µA
0.8 x VCC
V
(MIC70_R/S/T)
ISink = 1.2mA
0.3
ISink = 50µA, VCC = 1.4V
0.3
RESET Output Voltage
ISource = 200µA
0.8 x VCC
V
(MIC706P)
ISink = 1.2mA
0.3
RESET Output Voltage
ISource = 200µA
0.8 x VCC
V
(MIC708R/S/T)
ISink = 500µA
0.3
Watchdog Timeout Period, tWD
1.0
1.6
2.25
sec
WDI Minimum Input Pulse, tWP
VIL = 0.4V, VIH = 80% of VCC
100
ns
VIL = 0.4V, VIH = 80% of VCC>4.5V
50
ns
WDI Threshold Voltage
VIH
0.7 x VCC
V
VIL
0.6
WDI Input Current
WDI = 0V or VCC
-1
1
µA
WDO Output Voltage
ISource = 200µA
0.8 x VCC
V
ISink = 500µA
0.3
Absolute Maximum Ratings
Terminal Voltage
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
All Other Inputs . . . . . . . . . . . . -0.3V to (VCC + 0.3V)
Input Current
VCC, Gnd. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA
Output Current (all outputs) . . . . . . . . . . . . . . . . . 20mA
Operating Temperature Range
MIC70_N, MIC70_M . . . . . . . . . . . . . . . . . -40°C to 85°C
Storage Temperature Range . . . . . . . . . . . . .-65°C to 150°C
Lead Temperature (Soldering - 10 sec.) . . . . . . . . . . . 300°C
Power Dissipation (PDIP) . . . . . . . . . . . . . . . . . . . . 475mW
Power Dissipation (SOIC) . . . . . . . . . . . . . . . . . . . . 400mW
Stresses above those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to absolute
maximum ratings for extended periods may affect device reliability. Operating ranges define those limits between which the functionality of the device is guaranteed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com