Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7731MF/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7731MF/NOPB
Description  2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7731MF/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP7731MF/NOPB Datasheet HTML 4Page - Texas Instruments LMP7731MF/NOPB Datasheet HTML 5Page - Texas Instruments LMP7731MF/NOPB Datasheet HTML 6Page - Texas Instruments LMP7731MF/NOPB Datasheet HTML 7Page - Texas Instruments LMP7731MF/NOPB Datasheet HTML 8Page - Texas Instruments LMP7731MF/NOPB Datasheet HTML 9Page - Texas Instruments LMP7731MF/NOPB Datasheet HTML 10Page - Texas Instruments LMP7731MF/NOPB Datasheet HTML 11Page - Texas Instruments LMP7731MF/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
0
10
1k
100k
10M
FREQUENCY (Hz)
-140
-100
-60
1M
10k
100
-20
-40
-80
-120
-PSRR
+PSRR
VS = 2.5V
VS = 3.3V
VS = 5V
VS = 5V
160
100
10k
10M
FREQUENCY (Hz)
0
60
1M
100k
1k
120
100
40
20
80
140
VS = 2.5V, 3.3V, 5V
-40
TEMPERATURE (°C)
-40
-20
0
20
40
60
120
100
80
60
40
20
0
-20
VS = 2.5V, 3.3V, 5V
VCM = VS - 0.5V
5 TYPICAL PARTS
-40
TEMPERATURE (°C)
-5
0
5
10
15
20
120
100
80
60
40
20
0
-20
VS = 2.5V, 3.3V, 5V
VCM = 0.5V
5 TYPICAL PARTS
TCVOS (PV/°C)
-1.5
-1
-0.5
0
0.5
0
5
10
15
20
25
VS = 3.3V, 5V
VCM = 0.5V
-40°C d TA d 125°C
-40
-30
-20
-10
0
10
20
30
40
VOS (PV)
0
2
4
6
8
10
12
14
VS = 5V
VCM = 0.5V
LMP7731
SNOSAT6E – JULY 2007 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, RL > 10 kΩ, VCM = VS/2.
Offset Voltage Distribution
TCVOS Distribution
Figure 11.
Figure 12.
Offset Voltage
vs.
Temperature
Offset Voltage vs. Temperature
Figure 13.
Figure 14.
CMRR
vs.
PSRR vs. Frequency
Frequency
Figure 15.
Figure 16.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com