Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7732MA/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7732MA/NOPB
Description  2.9 nV/sqrt(Hz) Low Noise, RRIO Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7732MA/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMP7732MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
V
+
R1
R2
IN
+
IN
-
I1
INPUT STAGE
IBIAS CANCELLATION CIRCUIT
Q1
Q2
V
+
R
C1
R
C2
LMP7732
www.ti.com
SNOSAZ0E – AUGUST 2007 – REVISED MARCH 2013
APPLICATION NOTES
LMP7732
The LMP7732 is a dual low noise, rail-to-rail input and output, low voltage amplifier.
The low input voltage noise of only 2.9 nV/
√Hz with a 1/f corner at 3 Hz makes the LMP7732 ideal for sensor
applications where DC accuracy is of importance.
The LMP7732 has high gain bandwidth of 22 MHz. This wide bandwidth enables the use of the amplifier at
higher gain settings while retaining ample usable bandwidth for the application. This is particularly beneficial
when system designers need to use sensors with very limited output voltage range as it allows larger gains in
one stage which in turn increases signal to noise ratio.
The LMP7732 has a proprietary input bias cancellation circuitry on the input stages. This allows the LMP7732 to
have only about 1.5 nA bias current with a bipolar input stage. This low input bias current, paired with the
inherent lower input voltage noise of bipolar input stages makes the LMP7732 an excellent choice for precision
applications. The combination of low input bias current, low input offset voltage, and low input voltage noise
enables the user to achieve unprecedented accuracy and higher signal integrity.
Texas Instruments is heavily committed to precision amplifiers and the market segment they serve. Technical
support and extensive characterization data is available for sensitive applications or applications with a
constrained error budget.
The LMP7732 comes in the 8-Pin SOIC and VSSOP packages. These small packages are ideal solutions for
area constrained PC boards and portable electronics.
INPUT BIAS CURRENT CANCELLATION
The LMP7732 has proprietary input bias current cancellation circuitry on its input stage.
The LMP7732 has rail-to-rail input. This is achieved by having a p-input and n-input stage in parallel. Figure 41
only shows one of the input stages as the circuitry is symmetrical for both stages.
Figure 41 shows that as the common mode voltage gets closer to one of the extreme ends, current I1
significantly increases. This increased current shows as an increase in voltage drop across resistor R1 equal to
I1*R1 on IN+ of the amplifier. This voltage contributes to the offset voltage of the amplifier. When common mode
voltage is in the mid-range, the transistors are operating in the linear region and I1 is significantly small. The
voltage drop due to I1 across R1 can be ignored as it is orders of magnitude smaller than the amplifier's input
offset voltage. As the common mode voltage gets closer to one of the rails, the offset voltage generated due to I1
increases and becomes comparable to the amplifiers offset voltage.
Figure 41. Input Bias Current Cancellation
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMP7732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com