Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC70__M Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC70__M
Description  關P Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC70__M Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC70__M Datasheet HTML 1Page - Micrel Semiconductor MIC70__M Datasheet HTML 2Page - Micrel Semiconductor MIC70__M Datasheet HTML 3Page - Micrel Semiconductor MIC70__M Datasheet HTML 4Page - Micrel Semiconductor MIC70__M Datasheet HTML 5Page - Micrel Semiconductor MIC70__M Datasheet HTML 6Page - Micrel Semiconductor MIC70__M Datasheet HTML 7Page - Micrel Semiconductor MIC70__M Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
+
-
VTHR*
RESET
GENERATOR
+
-
1.25V
WATCHDOG
TIMER
VCC (2)
MR (1)
PFO (5)
RESET (7)
WDO (8)
WDI (6)
PFI (4)
VCC
250¥A
(RESET for MIC706P)
+
-
VTHR*
RESET
GENERATOR
+
-
1.25V
VCC (2)
MR (1)
PFO (5)
RESET (7)
PFI (4)
VCC
RESET (8)
250¥A
Figure 1. MIC706 Block Diagram
Figure 2. MIC708 Block Diagram
Block Diagram
* 2.63, 2.93, or 3.08V
* 2.63, 2.93, or 3.08V
MIC706P/R/S/T, MIC708R/S/T
µP Supervisory Circuits



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com