Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV511 Datasheet(PDF) 13 Page - Texas Instruments

Part # LPV511
Description  LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV511 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LPV511_15 Datasheet HTML 9Page - Texas Instruments LPV511_15 Datasheet HTML 10Page - Texas Instruments LPV511_15 Datasheet HTML 11Page - Texas Instruments LPV511_15 Datasheet HTML 12Page - Texas Instruments LPV511_15 Datasheet HTML 13Page - Texas Instruments LPV511_15 Datasheet HTML 14Page - Texas Instruments LPV511_15 Datasheet HTML 15Page - Texas Instruments LPV511_15 Datasheet HTML 16Page - Texas Instruments LPV511_15 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
R1
R2
R3
V1
V2
V3
RF
VOUT
VREF
-
+
VOUT = RF ¨
¨
©
§ V
REF - V1
R1
+
VREF - V2
R2
+
VREF - V3
R3
+ VREF
LPV511
www.ti.com
SNOSAG7C – AUGUST 2005 – REVISED MARCH 2013
POWER SUPPLIES AND LAYOUT
The LPV511 operates from a single 2.7V to 12V power supply. It is recommended to bypass the power supplies
with a 0.1
μF ceramic capacitor placed close to the V+ and Vpins.
Ground layout improves performance by decreasing the amount of stray capacitance and noise at the op amp's
inputs and outputs. To decrease stray capacitance, minimize PC board trace lengths and resistor leads, and
place external components close to the op amps's pins.
Typical Applications
BATTERY CURRENT SENSING
The rail-to-rail common mode input range and the very low quiescent current make the LPV511 ideal to use in
high side and low side battery current sensing applications. The high side current sensing circuit in Figure 30 is
commonly used in a battery charger to monitor the charging current in order to prevent over charging. A sense
resistor RSENSE is connected to the battery directly.
Figure 30. High Side Current Sensing
SUMMING AMPLIFIER
The LPV511 operational amplifier is a perfect fit in a summing amplifier circuit because of the rail-to-rail input and
output and the sub-micro Amp quiescent current. In this configuration, the amplifier outputs the sum of the three
input voltages.
The ratio of the sum and the output voltage is defined using feedback and input resistors.
(1)
Figure 31. Summing Amplifier Circuit
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LPV511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com