Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4205G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4205G
Description  1-A DC Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4205G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4205G Datasheet HTML 1Page - Infineon Technologies AG TLE4205G Datasheet HTML 2Page - Infineon Technologies AG TLE4205G Datasheet HTML 3Page - Infineon Technologies AG TLE4205G Datasheet HTML 4Page - Infineon Technologies AG TLE4205G Datasheet HTML 5Page - Infineon Technologies AG TLE4205G Datasheet HTML 6Page - Infineon Technologies AG TLE4205G Datasheet HTML 7Page - Infineon Technologies AG TLE4205G Datasheet HTML 8Page - Infineon Technologies AG TLE4205G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Data Sheet
2
2015-01-19
1-A DC Motor Driver
Overview
TLE4205G
PG-DSO-20
Features
●
Max. driver current 1 A
●
Integrated free-wheeling diodes
●
Short-circuit proof to ground
●
Inhibit
●
ESD protected inputs
●
Temperature range – 40
°C ≤ T
j ≤ 150 °C
●
Green Product (RoHS compliant)
●
AEC Qualified
Description
TLE 4205G is an integrated power full-bridge DC-motor driver for a wide temperature
range, as required in automotive applications for example. The circuit contains two
power comparators that can be combined to a full-bridge circuit. For inductive loads
there are integrated free-wheeling diodes to +
V
S and ground. The outputs are short-
circuit proof up to 18 V supply voltage to ground and turn off when overtemperature
occurs. This IC is especially suitable for headlight-beam adjustment in automobiles.
Type
Marking
Package
TLE4205G
TLE4205G
PG-DSO-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com