Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC8030 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC8030
Description  High-Voltage Display Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC8030 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC8030 Datasheet HTML 1Page - Micrel Semiconductor MIC8030 Datasheet HTML 2Page - Micrel Semiconductor MIC8030 Datasheet HTML 3Page - Micrel Semiconductor MIC8030 Datasheet HTML 4Page - Micrel Semiconductor MIC8030 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
October 1998
8-17
MIC8030
MIC8030
Micrel
8
For displays with more than 38 segments, two or more
MIC8030 may be cascaded by connecting DATA OUT of the
previous stage with DATA IN of the next stage; CLOCK,
LOAD and CHIP SELECT of all following stages should be
tied to the control lines of the first MIC8030. The backplane
output of the first stage should be tied to LCD
φ of all following
stages, the LCD
φ OPT must be left unconnected on those
stages. If the internal oscillator is used, and VBB > 50V then
an external 330 k
Ω resistor must be used between the
BACKPLANE of the first stage and LCD
φ of all following
stages.
Packaging options available include DATA OUT 30, 32 or 38
with the corresponding number of segments, and the avail-
ability of LCD
φ OPT. Types of packages include plastic and
ceramic DIPs, surface mount packages, plastic and ceramic
Leadless Chip Carriers and custom packaging.
Pin Configuration
Functional Description
With CHIP SELECT tied low, serial data is clocked into the
shift register at each falling edge of the CLOCK input. Pulling
LOAD high will cause a parallel loading of the shift register
contents into the latches. If load is left high, the latches are
transparent.
A logic “1” clocked into the shift register corresponds to that
segment being on, and that segment is out of phase with the
backplane.
The backplane may be externally driven or the internal
oscillator can be used. If LCD
φ is externally driven, the
backplane will be in phase with the input; LCD
φ OPT is not
connected. The internal oscillator is used by shorting LCD
φ
OPT to LCD
φ, connecting a capacitor to ground, and a
resistor to VCC. The frequency of the backplane will be 1/256
of the input frequency, and is given as: f = 10/[R(C + .0002)]
at VDD = 5V, R in kΩ, C in µF.
Example: R = 150 k
Ω, C = 420 pF: f = 108 Hz
7
8
MIC8030-01
9
10
11
12
13
14
15
16
17
Chip Select
Seg 28
Seg 29
Seg 30
Seg 31
Seg 32
SS
V
Seg 17
Seg 16
Seg 15
Seg 14
Seg 13
Seg 12
Seg 11
Seg 10
Seg 9
Seg 8
BB
V
39
38
37
36
35
34
33
32
31
30
29
Clock
Load
Seg 27
Seg 26
44-Pin PLCC (-V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com