Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8458G Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE8458G
Description  LIN Transceiver with integrated Voltage Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8458G Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE8458G Datasheet HTML 17Page - Infineon Technologies AG TLE8458G Datasheet HTML 18Page - Infineon Technologies AG TLE8458G Datasheet HTML 19Page - Infineon Technologies AG TLE8458G Datasheet HTML 20Page - Infineon Technologies AG TLE8458G Datasheet HTML 21Page - Infineon Technologies AG TLE8458G Datasheet HTML 22Page - Infineon Technologies AG TLE8458G Datasheet HTML 23Page - Infineon Technologies AG TLE8458G Datasheet HTML 24Page - Infineon Technologies AG TLE8458G Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
TLE8458
LIN Transceiver
Data Sheet
21
Rev. 1.1, 2014-04-01
7.1.1
Undervoltage Detection
A dropping power supply
V
S on a local ECU can effect the communication of the whole LIN network. To avoid any
blocking of the LIN network by a local ECU the TLE8458 has an integrated Power-On reset at the supply
V
S and
an undervoltage detection at the supply
V
S. In case the supply voltage VS is dropping below the Power-On reset
level
V
S < VS,UV,PON, the TLE8458 changes the operation mode to Stand-By mode. In Stand-By mode the output
stage of the TLE8458 is disabled and no communication to the LIN bus is possible. The internal bus termination
remains active as well as the
V
CC output voltage. (see Figure 1 and Figure 11).
In Stand-By mode the RxD pin indicates the low power supply condition with a logical HIGH signal. Setting the EN
pin to logical HIGH changes the operation mode back to Normal Operation mode.
In case the supply voltage
V
S is dropping below the undervoltage reset level VS < VSUV (see Figure 11), the
TLE8458 disables the output and receiver stages. This feature secures the communication on the LIN bus. If the
power supply
V
S reaches a higher level as the undervoltage reset level VS > VSUV the TLE8458 continues with
normal operation. A mode change only applies if the power supply
V
S drops below the power on reset level
(
V
S < VS,UV,PON).
Figure 11
Under-Voltage Detection
Supply voltage Vs
Power on reset level
VS,UV,PON
Power On reset
Normal Operation
Mode
Reset and
Communication
blocked
Stand-By
Mode
Blanking time
tUV
Supply voltage Vs
Power on reset level
VS,UV,PON
Normal Operation
Mode
Communication
blocked
Blanking time
tUV
Under Voltage level
VSUV
Normal Operation
Mode
Under Voltage
Detection VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com