Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3468G-X-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC3468G-X-AB3-R
Description  HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3468G-X-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC3468G-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SC3468G-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SC3468G-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SC3468G-X-AB3-R Datasheet HTML 4Page - Unisonic Technologies 2SC3468G-X-AB3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SC3468
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R208-037.B
HIGH VOLTAGE TRANSISTOR
FOR VIDEO OUTPUT OF
HIGH-DEFINITION CRT
DISPLAYS
FEATURES
* High breakdown voltage: VCBO, VCEO≧300V
* Small reverse transfer capacitance and excellent high frequency
characteristicF
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
1
2
3
2SC3468G-x-AB3-R
SOT-89
B
C
E
Tape Reel
Note: Pin Assignment: B: Base C: Collector E: Emitter
MARKING


Similar Part No. - 2SC3468G-X-AB3-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3468 SANYO-2SC3468 Datasheet
119Kb / 4P
High-Definition CRT Display, Video Output Applications???
2SC3468 SANYO-2SC3468 Datasheet
183Kb / 3P
Transistors for TV Display Video Output Use
logo
Unisonic Technologies
2SC3468 UTC-2SC3468 Datasheet
130Kb / 3P
HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT OF HIGH-DEFINITION CRT DISPLAYS
More results

Similar Description - 2SC3468G-X-AB3-R

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE154 NTE-NTE154 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage Video Output
NTE227 NTE-NTE227 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage Amp, Video Output
NTE228A NTE-NTE228A Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage Amp, Video Output
NTE2501 NTE-NTE2501 Datasheet
21Kb / 2P
Silicon Complementary Transistors High Voltage for Video Output
NTE2507 NTE-NTE2507 Datasheet
18Kb / 1P
Silicon NPN Transistor High Frequency Video Output
NTE2521 NTE-NTE2521 Datasheet
21Kb / 2P
Silicon NPN Transistor Video Output for HDTV
logo
Hitachi Semiconductor
2SC1514 HITACHI-2SC1514 Datasheet
43Kb / 1P
HIGH FREQUENCY HIGH VOLTAGE AMPLIFIER TV VIDEO OUTPUT
2SC2278 HITACHI-2SC2278 Datasheet
38Kb / 1P
HIGH FREQUENCY HIGH VOLTAGE AMPLIFIER TV VIDEO OUTPUT
logo
Unisonic Technologies
2SC3468 UTC-2SC3468 Datasheet
130Kb / 3P
HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT OF HIGH-DEFINITION CRT DISPLAYS
logo
New Jersey Semi-Conduct...
D40N NJSEMI-D40N Datasheet
319Kb / 1P
Silicon Power lan iransistors High Voltage Video Output Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com