Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5353 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC5353
Description  HIGH VOLTAGE NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5353 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC5353_15 Datasheet HTML 1Page - Unisonic Technologies 2SC5353_15 Datasheet HTML 2Page - Unisonic Technologies 2SC5353_15 Datasheet HTML 3Page - Unisonic Technologies 2SC5353_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5353
NPN SILICON TRANSISTOR
TYPICAL CHARACTERISTICS
Collector Current vs. Collector-Emitter Voltage
Common emitter
TC=25℃
0
246
8
10
0
1
2
3
Collector-Emitter Voltage, VCE (V)
IB = 0.02 A
0.1
0.2
0.05
0.3
0.4
0.5
0.6
0.8
1.0
Collector Current vs. Base-Emitter Voltage
00.2
0.6
0.4
0.8
1.0
1.2
1.4
0
1
2
3
Common emitter
VCE = 5 V
Base-Emitter Voltage,VBE (V)
25
TC=100℃
-20
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R203-031,F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com