Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5302DG-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 5302DG-AA3-R
Description  HIGH VOLTAGE NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5302DG-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  5302DG-AA3-R Datasheet HTML 1Page - Unisonic Technologies 5302DG-AA3-R Datasheet HTML 2Page - Unisonic Technologies 5302DG-AA3-R Datasheet HTML 3Page - Unisonic Technologies 5302DG-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
5302D
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R213-018.H
HIGH VOLTAGE NPN
TRANSISTOR WITH DIODE
DESCRIPTION
The UTC 5302D are series of NPN silicon planar transistor with
diode and its suited to be used in power amplifier applications.
FEATURES
* Internal free-wheeling diode
* Makes efficient anti-saturation operation
* Low variable storage-time spread
* Low base drive
* Very suitable for half bridge light ballast application
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
-
5302DG-AA3-R
SOT-223
B
C
E
Tape Reel
5302DL-T60-K
5302DG-T60-K
TO-126
B
C
E
Bulk
5302DL-T92-B
5302DG-T92-B
TO-92
E
C
B
Tape Box
5302DL-T92-K
5302DG-T92-K
TO-92
E
C
B
Bulk
5302DL-T92-R
5302DG-T92-R
TO-92
E
C
B
Tape Reel
5302DL-TM3-T
5302DG-TM3-T
TO-251
B
C
E
Tube
5302DL-TN3-R
5302DG-TN3-R
TO-252
B
C
E
Tape Reel
Note: Pin assignment: E: Emitter
B: Base
C: Collector
(1) B: Tape Box, K: Bulk, T: Tube, R: Tape Reel
(2) T60: TO-126, T92: TO-92, TM3: TO-251,
TN3: TO-252, AA3: SOT-223
(3) L: Lead Free, G: Halogen Free and Lead Free
5302DL-T60-T
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - 5302DG-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5302DG-T60-K UTC-5302DG-T60-K Datasheet
146Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR WITH DIODE
5302DG-T60-K UTC-5302DG-T60-K Datasheet
149Kb / 3P
HIGH VOLTAGE NPN TRANSISTOR WITH DIODE
5302DG-T92-B UTC-5302DG-T92-B Datasheet
146Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR WITH DIODE
5302DG-T92-B UTC-5302DG-T92-B Datasheet
149Kb / 3P
HIGH VOLTAGE NPN TRANSISTOR WITH DIODE
5302DG-T92-K UTC-5302DG-T92-K Datasheet
146Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR WITH DIODE
More results

Similar Description - 5302DG-AA3-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
High Voltage NPN Transistor
logo
Unisonic Technologies
2SC5353B UTC-2SC5353B Datasheet
246Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA44 UTC-PZTA44_12 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003A TSC-TS13003A_14 Datasheet
388Kb / 5P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA45 UTC-PZTA45_15 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Nexperia B.V. All right...
MMBTA42-Q NEXPERIA-MMBTA42-Q Datasheet
181Kb / 7P
NPN high-voltage transistor
9 August 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com