Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC94030 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC94030
Description  TinyFET??P-Channel MOSFET Preliminary Information
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94030 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC94030 Datasheet HTML 1Page - Micrel Semiconductor MIC94030 Datasheet HTML 2Page - Micrel Semiconductor MIC94030 Datasheet HTML 3Page - Micrel Semiconductor MIC94030 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MIC94030/94031
Micrel
6-42
1997
Electrical Characteristics Voltage and current values are negative. Signs not shown for clarity.
Symbol
Parameter
Condition (Note 1)
Min
Typ
Max
Units
V
BDSS
Drain-Source Breakdown Voltage
V
GS = 0V, ID = 250µA
13.5
V
V
GS
Gate Threshold Voltage
V
DS = VGS, ID = 250µA
0.6
1.0
1.4
V
I
GSS
Gate-Body Leakage
V
DS = 0V, VGS = 12V, Note 2, Note 3
1
µA
R
GS
Gate-Source Resistor
V
DS = 0V, VGS = 12V, Note 2, Note 4
500
750
1000
k
Ω
C
ISS
Input Capacitance
V
GS = 0V, VDS = 12V
100
pF
I
DSS
Zero Gate Voltage Drain Current
V
DS = 12V, VGS = 0V
25
µA
V
DS = 12V, VGS = 0V, TJ = 125°C
0.010
250
µA
I
D(ON)
On-State Drain Current
V
DS = 10V, VGS = 10V, Note 5
6.3
A
R
DS(ON)
Drain-Source On-State Resist.
V
GS = 10V, ID = 100mA
0.45
Ω
V
GS = 4.5V, ID = 100mA
0.75
1.00
Ω
V
GS = 2.7V, ID = 100mA
1.20
Ω
g
FS
Forward Transconductance
V
DS = 10V, ID = 200mA, Note 5
480
mS
Note 1
T
A = 25°C unless noted. Substrate connected to source for all conditions
Note 2
ESD gate protection diode conducts during positive gate-to-source voltage excursions.
Note 3
MIC94030 only
Note 4
MIC94031 only
Note 5
Pulse Test: Pulse Width
≤ 80µsec, Duty Cycle ≤ 0.5%
Absolute Maximum Ratings
Voltage and current values are negative. Signs not shown for clarity.
Drain-to-Source Voltage (pulse) .................................... 16V
Gate-to-Source Voltage (pulse) .................................... 16V
Continuous Drain Current
T
A = 25°C .................................................................... 1A
T
A = 100°C ............................................................... 0.5A
Operating Junction Temperature ............... –55
°C to +150°
Storage Temperature ............................... –55
°C to +150°C
Total Power Dissipation
T
A = 25°C ............................................................ 568mW
T
A = 100°C .......................................................... 227mW
Thermal Resistance
θ
JA ...................................................................................... 220°C/W
θ
JC ..................................................................................... 130°C/W
Lead Temperature
1/16
" from case, 10s ........................................... +300
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com