Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5302DG-T92-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 5302DG-T92-R
Description  HIGH VOLTAGE NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5302DG-T92-R Datasheet(HTML) 4 Page - Unisonic Technologies

  5302DG-T92-R Datasheet HTML 1Page - Unisonic Technologies 5302DG-T92-R Datasheet HTML 2Page - Unisonic Technologies 5302DG-T92-R Datasheet HTML 3Page - Unisonic Technologies 5302DG-T92-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5302D
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R213-018. H
TYPICAL CHARACTERISTICS
0
0
Collector Current VS. BVCEO
Collector-Emitter Breakdown Voltage ,BVCEO (V)
6
12
500
100
200 300
400
2
4
8
10
14
0 0
Collector Current VS. BVCBO
Collector-Base Breakdown Voltage ,BVCBO (V)
600
1200
200
400
600
800
1000
200
400
800
1000
1400
600
0
0
Emitter Current VS. BVEBO
Emitter-Base Breakdown Voltage ,BVEBO (V)
60
120
2
20
46
810 12 14 16 18
20
40
80
100
140
0.01
0.1
1
10
Collector Current, IC (A)
1
10
100
TC=-40°C
TC=25°C
TC=100°C
Common emitter
VCE=5V
20
30
40
5
2
0.2
0.5
0.05
7
50
Current Gain vs. Collector Current
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com