Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTC1510F3G-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BTC1510F3G-TQ2-R
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTC1510F3G-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  BTC1510F3G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies BTC1510F3G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies BTC1510F3G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BTC1510F3
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R223-002.E
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
150
V
Collector-Emitter Voltage
VCEO
150
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
DC
IC
10
A
Pulse(Note 2)
15
Collector Dissipation
TA=25°C
TO-220/TO-220F
TO-220F1
PD
2
W
TO-252
1.1
W
TO-263
2
W
TC=25°C
TO-220
72
W
TO-220F/TO-220F1
36
W
TO-252
44
W
TO-263
60
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse test: Pulse Width=100ms
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=100µA, IE=0
150
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=5mA, IB=0
150
V
Base-Emitter Turn-On Voltage (Note)
VBE(ON)
VCE=3V, IC=5A
2.8
V
VCE=3V, IC=10A
4.5
VFEC
IC=5A
3
V
Collector Cutoff Current
ICBO
VCB=150V, IE=0
200
µA
Collector Cutoff Current
ICEO
VCE=150V, IE=0
200
µA
Emitter Cutoff Current
IEBO
VEB=5V, IC=0
2
mA
ON CHARACTERISTICS
DC Current Gain (Note)
hFE
VCE=3V, IC=5A
2
20
K
VCE=3V, IC=10A
100
Base-Emitter Saturation Voltage(Note)
VBE(SAT)
IC=5A, IB=5mA
2
V
Collector-Emitter Saturation Voltage
(Note)
VCE(SAT)
IC=5A, IB=10mA
1.5
V
IC=10A, IB=100mA
3
IC=5A, IB=2.5mA
2
Note: Pulse test: Pulse Width≦380μs, Duty Cycle≦2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com