Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMT2AG-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # IMT2AG-AG6-R
Description  GENERAL PURPOSE DUAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

IMT2AG-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  IMT2AG-AG6-R Datasheet HTML 1Page - Unisonic Technologies IMT2AG-AG6-R Datasheet HTML 2Page - Unisonic Technologies IMT2AG-AG6-R Datasheet HTML 3Page - Unisonic Technologies IMT2AG-AG6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IMT2A
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R215-003.E
TYPICAL CHARACTERISTICS
-10
-8
-6
-4
-2
0
-0.4
0
-0.8
-1.2
-1.6
-2.0
Collector to Emitter Voltage,VCE (V)
Grounded Emitter Output Characteristics (Ⅰ)
-50
0
-1
0
Collector to Emitter Voltage,VCE (V)
Grounded Emitter Output Characteristics (Ⅱ)
-40
-30
-20
-10
-2
-3
-4
-5
VCE=-6V
-50
-20
-10
-5
-2
-1
-0.5
-0.2
-0.1
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6
Base to Emitter Voltage,VBE (V)
Grounded Emitter Propagation Characteristics
TA=25℃
500
200
100
50
-0.2 -0.5 -1
-2
-5 -10 -20
-50 -100
Collector Current,IC (mA)
DC Current Gain vs. Collector Current
TA=25℃
-1
-0.5
-0.2
-0.1
-0.05
-0.2 -0.5 -1
-2
-5 -10 -20
-50 -100
Collector Current,IC (mA)
Collector-Emitter Saturation Voltage
vs. Collector Current
TA=25℃
TA=25℃
IB=0A
IB=-5µA
IB=-10µA
IB=-15µA
IB=-20µA
IB=-25µA
IB=-30µA
IB=0A
IB=-50µA
IB=-100µA
IB=-150µA
IB=-200µA
IB=-250µA
IB=-300µA
IB=-350µA
Ta=100℃
25℃
-40℃
TA=25℃
VCE=-5V
-3V
-1V
Ic / IB =50
Ic / IB =20
Ic / IB =10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com