Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMT17G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # IMT17G-AG6-R
Description  GENERAL PURPOSE DUAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

IMT17G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  IMT17G-AG6-R Datasheet HTML 1Page - Unisonic Technologies IMT17G-AG6-R Datasheet HTML 2Page - Unisonic Technologies IMT17G-AG6-R Datasheet HTML 3Page - Unisonic Technologies IMT17G-AG6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO.,
IMT17
DUAL TRANSISTOR
www.unisonic.com.tw
1
Copyright © 2012 Unisonic Technologies Co.,
QW-R215-006.B
GENERAL PURPOSE DUAL
TRANSISTOR
FEATURES
*Two MMBT2907A chips in an SMT package.
*Transistor elements are independent, eliminating interference.
*High collector current. Ic = -500mA
EQUIVALENT CIRCUITS
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1234
5
6
IMT17L-AG6 -R
IMT17G-AG6-R
SOT-26
E1
B1
C2
E2
B2
C1
Tape Reel
Note: Pin Assignment: B: Base
C: Collector
E: Emitter
MARKING


Similar Part No. - IMT17G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Rohm
IMT17 ROHM-IMT17 Datasheet
121Kb / 3P
General purpose transistor (isolated dual transistors)
logo
Unisonic Technologies
IMT17 UTC-IMT17 Datasheet
109Kb / 4P
GENERAL PURPOSE DUAL TRANSISTOR
logo
Diodes Incorporated
IMT17 DIODES-IMT17 Datasheet
117Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS31202 Rev. 4 - 2
logo
Rohm
IMT17 ROHM-IMT17 Datasheet
65Kb / 3P
General purpose transistor (isolated dual transistors)
logo
Diodes Incorporated
IMT17-7 DIODES-IMT17-7 Datasheet
117Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS31202 Rev. 4 - 2
More results

Similar Description - IMT17G-AG6-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC858CDXV6 ONSEMI-BC858CDXV6 Datasheet
65Kb / 6P
Dual General Purpose Transistor
March, 2003 - Rev. 2
NST3946DW1T1 ONSEMI-NST3946DW1T1 Datasheet
168Kb / 12P
Dual General Purpose Transistor
January, 2004 ??Rev. 2
logo
Leshan Radio Company
LMBT3904DW1T1 LRC-LMBT3904DW1T1 Datasheet
201Kb / 7P
Dual General Purpose Transistor
logo
ON Semiconductor
NST3906DXV6T1 ONSEMI-NST3906DXV6T1 Datasheet
106Kb / 8P
Dual General Purpose Transistor
March, 2003 - Rev. 0
logo
Unisonic Technologies
IMT17 UTC-IMT17 Datasheet
109Kb / 4P
GENERAL PURPOSE DUAL TRANSISTOR
logo
ON Semiconductor
NST3904DP6T5G ONSEMI-NST3904DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Transistor
April, 2008 ??Rev. 0
MBT3946DW1T1G ONSEMI-MBT3946DW1T1G Datasheet
246Kb / 10P
Dual General Purpose Transistor
October, 2009 ??Rev. 5
logo
Unisonic Technologies
IMX2 UTC-IMX2_11 Datasheet
100Kb / 2P
GENERAL PURPOSE DUAL TRANSISTOR
logo
WILLAS ELECTRONIC CORP
MMBT2907ADW1T1 WILLAS-MMBT2907ADW1T1 Datasheet
437Kb / 5P
Dual General Purpose Transistor
logo
ON Semiconductor
EMT1DXV6 ONSEMI-EMT1DXV6_14 Datasheet
60Kb / 4P
Dual General Purpose Transistor
November, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com