Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA13G-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMBTA13G-AE3-R
Description  DARLINGTON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA13G-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MMBTA13G-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA13G-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA13G-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MMBTA13
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R206-006.d
DARLINGTON TRANSISTOR
DESCRIPTION
The UTC MMBTA13 is a Darlington transistor.
FEATURES
* Collector-Emitter Voltage: VCES = 30V
* Collector Dissipation: PC(MAS) = 350 mW
SOT-23
(JEDEC TO-236)
1
3
2
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
1
2
3
MMBTA13G-AE3-R
SOT-23
E
B
C
Tape Reel
Note: Pin Assignment: E: Emitter
B: Base
C: Collector
MARKING


Similar Part No. - MMBTA13G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBTA13G-AE3-R UTC-MMBTA13G-AE3-R Datasheet
77Kb / 2P
DARLINGTON TRANSISTOR
More results

Similar Description - MMBTA13G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT6427LT1 MOTOROLA-MMBT6427LT1 Datasheet
249Kb / 8P
Darlington Transistor
logo
Fairchild Semiconductor
KSP25 FAIRCHILD-KSP25 Datasheet
32Kb / 4P
Darlington Transistor
KSP12 FAIRCHILD-KSP12 Datasheet
33Kb / 4P
Darlington Transistor
logo
Unisonic Technologies
MPSA14 UTC-MPSA14 Datasheet
52Kb / 2P
DARLINGTON TRANSISTOR
PZTA14 UTC-PZTA14 Datasheet
51Kb / 2P
DARLINGTON TRANSISTOR
MMBTA13 UTC-MMBTA13_11 Datasheet
77Kb / 2P
DARLINGTON TRANSISTOR
MMBTA14 UTC-MMBTA14_10 Datasheet
79Kb / 3P
DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
KSP63TA FAIRCHILD-KSP63TA Datasheet
40Kb / 4P
Darlington Transistor
logo
Unisonic Technologies
PZTA14 UTC-PZTA14_15 Datasheet
102Kb / 2P
DARLINGTON TRANSISTOR
logo
ON Semiconductor
MMBT6427LT1G ONSEMI-MMBT6427LT1G Datasheet
192Kb / 6P
Darlington Transistor
October, 2016 ??Rev. 5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com