Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF004BN Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF004BN
Description  QwikRadio??Low-Power VHF Receiver Advance Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF004BN Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF004BN Datasheet HTML 1Page - Micrel Semiconductor MICRF004BN Datasheet HTML 2Page - Micrel Semiconductor MICRF004BN Datasheet HTML 3Page - Micrel Semiconductor MICRF004BN Datasheet HTML 4Page - Micrel Semiconductor MICRF004BN Datasheet HTML 5Page - Micrel Semiconductor MICRF004BN Datasheet HTML 6Page - Micrel Semiconductor MICRF004BN Datasheet HTML 7Page - Micrel Semiconductor MICRF004BN Datasheet HTML 8Page - Micrel Semiconductor MICRF004BN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
February 9, 2000
3
MICRF004/RF044
MICRF004/RF044
Micrel
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
16-Pin Pkg.
8-Pin Pkg.
1
SEL0
Bandwidth Selection Bit 0 (Input): Configure with SEL1 to set the desired
demodulator filter bandwidth. See Table 1. Internally pulled-up to VDDRF.
2, 3
1
VSSRF
RF [Analog] Return (Input): Ground return to the RF section power supply.
See “Application Information” for bypass capacitor details.
4
2
ANT
Antenna (Input): High-impedance, internally ac coupled receiver input.
Connect this pin to the receive antenna. This FET gate input has approxi-
mately 2pF of shunt (parasitic) capacitance. See “Applications Information”
for optional band-pass filter information.
5
3
VDDRF
RF [Analog] Supply (Input): Positive supply input for the RF section of the
IC. VDDBB and VDDRF should be connected together directly at the IC
pins. Connect a low ESL, low ESR decoupling capacitor from this pin to
VSSRF, as short as possible.
6
VDDBB
Base-Band [Digital] Supply (Input): Positive supply input for the baseband
section of the IC. VDDBB and VDDRF should be connected together at the
IC pins.
7
4
CTH
[Data Slicing] Threshold Capacitor (External Component): Capacitor
extracts the dc average value from the demodulated waveform which
becomes the reference for the internal data slicing comparator. See “Appli-
cations Information” for selection.
8
NC
not internally connected
9
VSSBB
Base-Band [Digital] Return (Input): Ground return to the baseband section
power supply. See “Application Information” for bypass capacitor and layout
details.
10
5
DO
Digital Output (Output): CMOS-level compatible data output signal.
11
6
SHUT
Shutdown (Input): Shutdown-mode logic-level control input. Pull low to
enable the receiver. This input has an internal pulled-up to VDDRF.
12
WAKEB
Wakeup (Output): Active-low output that indicates detection of an incoming
RF signal. Signal is determined by monitoring for data preamble. CMOS-
level compatible.
13
7
CAGC
AGC Capacitor (External Component): Integrating capacitor for on-chip
AGC (automatic gain control). The decay/attack time-constant (
τ) ratio is
nominally 10:1. See “Applications Information” for capacitor selection.
14
SEL1
Bandwidth Selection Bit 1 (Input): Configure with SEL0, programs to set the
desired demodulator filter bandwidth. See Table 1. Internally pulled-up to
VDDRF.
15
8
REFOSC
Reference Oscillator (External Component or Input): Timing reference for
on-chip tuning and alignment. Connect either a ceramic resonator or crystal
(mode dependent, see “Application Information”). between this pin and
VSSBB, or drive the input with an ac-coupled 0.5Vpp input clock.
16
SWEN
Sweep-Mode Enable (Input): Sweep- or fixed-mode operation control input.
When VSWEN is high, the MICRF004 is in sweep mode; when SWEN is
low, the receiver operates as a conventional single-conversion superhetero-
dyne receiver. This pin is internally pulled-up to VDDRF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com