Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU931L-TQ2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # BU931L-TQ2-R
Description  NPN POWER DARLINGTON
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BU931L-TQ2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  BU931L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies BU931L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies BU931L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies BU931L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies BU931L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BU931
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R214-012,E
TYPICAL CHARACTERISTICS
1
0
2
125°C
46
Collector Current, IC (A)
1
2
3
-40°C
25°C
hFE=50
1
0
2
46
Collector Current, IC (A)
1
2
3
hFE=100
1
0
2
46
1
2
3
hFE=100
1
0
2
46
Collector Current, IC (A)
1
2
3
hFE=50
Collector Current, IC (A)
10-1
Collector Current, IC (A)
24
24
6 8
10
2
4
6
8
102
2
4
6
68
1
8
25°C
VCE=2V
Collector Emitter Saturation Voltage
vs. Collector Current
Collector Emitter Saturation Voltage
vs. Collector Current
Base Emitter Saturation Voltage vs.
Collector Current
125°C
-40°C
25°C
125°C
-40°C
25°C
125°C
-40°C
25°C
Base Emitter Saturation Voltage vs.
Collector Current
DC Current Gain vs. Collector Current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com