Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E016JC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10E016JC
Description  8-BIT SYNCHRONOUS BINARY UP COUNTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E016JC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10E016JC Datasheet HTML 1Page - Micrel Semiconductor SY10E016JC Datasheet HTML 2Page - Micrel Semiconductor SY10E016JC Datasheet HTML 3Page - Micrel Semiconductor SY10E016JC Datasheet HTML 4Page - Micrel Semiconductor SY10E016JC Datasheet HTML 5Page - Micrel Semiconductor SY10E016JC Datasheet HTML 6Page - Micrel Semiconductor SY10E016JC Datasheet HTML 7Page - Micrel Semiconductor SY10E016JC Datasheet HTML 8Page - Micrel Semiconductor SY10E016JC Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
SY10E016
SY100E016
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ. Max. Min.
Typ. Max.
Unit
IIH
Input HIGH Current
—
—
150
—
—
150
—
—
150
—
—
150
µA
IEE
Power Supply Current
mA
10E
—
151
181
—
151
181
—
151
181
—
151
181
100E
—
151
181
—
151
181
—
151
181
—
174
208
TRUTH TABLE
(1)
CE
PE
TCLD
MR
CLK
Function
X
L
X
L
Z
Load Parallel (Pn to Qn)
L
H
L
L
Z
Continuous Count
L
H
H
L
Z
Count; Load Parallel on TC = LOW
H
H
X
L
Z
Hold
X
X
X
L
ZZ
Master respond, Slaves Hold
X
X
X
H
Z
Reset (Qn : = LOW, TC : = HIGH)
NOTE:
1. Z = Clock Pulse (LOW-to-HIGH), ZZ = Clock Pulse (HIGH-to-LOW)
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = –40
°CTA = 0°CTA = 25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max.
Min.
Typ.
Max.
Min.
Typ. Max. Min.
Typ. Max.
Unit
fCOUNT
Max. Count Frequency
700
900
—
700
900
—
700
900
—
700
900
—
MHz
tPD
Propagation Delay to Output
ps
CLK to Q
600
725
1000
600
725
1000
600
725
1000
600
725
1000
MR to Q
600
775
1000
600
775
1000
600
775
1000
600
775
1000
CLK to TC (Qs loaded)(1)
550
775
1050
550
775
1050
550
775
1050
550
775
1050
CLK to TC (Qs unloaded)(1)
550
700
900
550
700
900
550
700
900
550
700
900
MR to TC
625
775
1000
625
775
1000
625
775
1000
625
775
1000
tS
Set-up Time
ps
Pn
150
–30
—
150
–30
—
150
–30
—
150
–30
—
CE
600
400
—
600
400
—
600
400
—
600
400
—
PE
600
400
—
600
400
—
600
400
—
600
400
—
TCLD
500
300
—
500
300
—
500
300
—
500
300
—
tH
Hold Time
ps
Pn
250
30
—
250
30
—
250
30
—
250
30
—
CE
0
–400
—
0
–400
—
0
–400
—
0
–400
—
PE
0
–400
—
0
–400
—
0
–400
—
0
–400
—
TCLD
100
–300
—
100
–300
—
100
–300
—
100
–300
—
tRR
Reset Recovery Time
900
700
—
900
700
—
900
700
—
900
700
—
ps
tWP
Minimum Pulse Width
400
—
—
400
—
—
400
—
—
400
—
—
ps
CLK, MR
tr
Rise/Fall Times
300
510
800
300
510
800
300
510
800
300
510
800
ps
tf
20% to 80%
NOTE:
1. CLK to TC propagation delay is dependent on the loading of the Q outputs. With all of the Q outputs loaded, the noise generated in going from a IIII IIII
state to a 0000 0000 state causes the CLk to TC+ delay to increase.
AC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com