Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4881M/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM4881M/NOPB
Description  Dual 200 mW Headphone Amplifier with Shutdown Mode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4881M/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4881M/NOPB Datasheet HTML 7Page - Texas Instruments LM4881M/NOPB Datasheet HTML 8Page - Texas Instruments LM4881M/NOPB Datasheet HTML 9Page - Texas Instruments LM4881M/NOPB Datasheet HTML 10Page - Texas Instruments LM4881M/NOPB Datasheet HTML 11Page - Texas Instruments LM4881M/NOPB Datasheet HTML 12Page - Texas Instruments LM4881M/NOPB Datasheet HTML 13Page - Texas Instruments LM4881M/NOPB Datasheet HTML 14Page - Texas Instruments LM4881M/NOPB Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LM4881
www.ti.com
SNAS001D – SEPTEMBER 1997 – REVISED MAY 2013
Once the power dissipation equations have been addressed, the required gain can be determined from
Equation 4.
(4)
AV = Rf/Ri
(5)
From Equation 4, the minimum gain is: AV = 1.26
Since the desired input impedance was 20 k
Ω, and with a gain of 1.26, a value of 27 kΩ is designated for Rf,
assuming 5% tolerance resistors. This combination results in a nominal gain of 1.35. The final design step is to
address the bandwidth requirements which must be stated as a pair of
−3 dB frequency points. Five times away
from a
−3 dB point is 0.17 dB down from passband response assuming a single pole roll-off. As stated in the
External Components Description section, both Ri in conjunction with C i, and Co with RL, create first order
highpass filters. Thus to obtain the desired frequency low response of 100 Hz within ±0.5 dB, both poles must be
taken into consideration. The combination of two single order filters at the same frequency forms a second order
response. This results in a signal which is down 0.34 dB at five times away from the single order filter
−3 dB
point. Thus, a frequency of 20 Hz is used in the following equations to ensure that the response is better than 0.5
dB down at 100 Hz.
Ci ≥ 1 / (2π * 20 kΩ * 20 Hz) = 0.397 µF; use 0.39 µF.
(6)
Co ≥ 1 / (2π * 8Ω * 20 Hz) = 995 µF; use 1000 µF.
(7)
The high frequency pole is determined by the product of the desired high frequency pole, fH, and the closed-loop
gain, A V. With a closed-loop gain of 1.35 and fH = 100 kHz, the resulting GBWP = 135 kHz which is much
smaller than the LM4881 GBWP of 18 MHz. This figure displays that if a designer has a need to design an
amplifier with a higher gain, the LM4881 can still be used without running into bandwidth limitations.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4881



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com