Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100S351JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100S351JC
Description  HEX D FLIP-FLOP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S351JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100S351JC Datasheet HTML 1Page - Micrel Semiconductor SY100S351JC Datasheet HTML 2Page - Micrel Semiconductor SY100S351JC Datasheet HTML 3Page - Micrel Semiconductor SY100S351JC Datasheet HTML 4Page - Micrel Semiconductor SY100S351JC Datasheet HTML 5Page - Micrel Semiconductor SY100S351JC Datasheet HTML 6Page - Micrel Semiconductor SY100S351JC Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
SY100S351
Micrel
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
fMAX
Toggle Frequency
700
—
700
—
700
—
MHz
tPLH
Propagation Delay
—
1200
—
1200
—
1200
ps
tPHL
CPa, CPb to Output
tPLH
Propagation Delay
—
1200
—
1200
—
1200
ps
tPHL
MR to Output
tTLH
Transition Time
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%
tS
Set-up Time
ps
D0–D5
500
—
500
—
500
—
MR (Release Time)
1000
—
1000
—
1000
—
tH
Hold Time, D0–D5
550
—
550
—
550
—
ps
tPW (H)
Pulse Width HIGH
1000
—
1000
—
1000
—
ps
CPa, CPb, MR
AC ELECTRICAL CHARACTERISTICS
CERPACK
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
fMAX
Toggle Frequency
700
—
700
—
700
—
MHz
tPLH
Propagation Delay
—
1200
—
1200
—
1200
ps
tPHL
CPa, CPb to Output
tPLH
Propagation Delay
—
1200
—
1200
—
1200
ps
tPHL
MR to Output
tTLH
Transition Time
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%
tS
Set-up Time
ps
D0–D5
500
—
500
—
500
—
MR (Release Time)
1000
—
1000
—
1000
—
tH
Hold Time, D0–D5
550
—
550
—
550
—
ps
tPW (H)
Pulse Width HIGH
1000
—
1000
—
1000
—
ps
CPa, CPb, MR
PLCC
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com