Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4991MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4991MA/NOPB
Description  3W Audio Power Amplifier with Shutdown Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4991MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4991MA/NOPB Datasheet HTML 1Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 2Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 3Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 4Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 5Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 6Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 7Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 8Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM4991
www.ti.com
SNAS217A – MAY 2004 – REVISED APRIL 2013
LM4991
3W Audio Power Amplifier with Shutdown Mode
Check for Samples: LM4991
1
FEATURES
DESCRIPTION
The LM4991 is a mono bridged audio power amplifier
2
•
Available in Space-Saving WSON and SOIC
capable of delivering 3W of continuous average
Packages
power into a 3
Ω load with less than 10% THD when
•
Ultra Low Current Shutdown Mode
powered by a 5V power supply (see Note below). To
•
Can Drive Capacitive Loads up to 500pF
conserve
power
in
portable
applications,
the
LM4991's micropower shutdown mode (ISD = 0.1µA,
•
Improved Click and Pop Circuitry Reduces
typ) is activated when VDD is applied to the
Noises During Turn-On and Turn-Off
SHUTDOWN pin.
Transitions
Boomer
audio
power
amplifiers
are
designed
•
2.2 - 5.5V Operation
specifically to provide high power, high fidelity audio
•
No Output Coupling Capacitors, Snubber
output. They require few external components and
Networks, Bootstrap Capacitors or Gain-
operate on low supply voltages from 2.2V to 5.5V.
Setting Resistors Required
Since the LM4991 does not require output coupling
capacitors,
bootstrap
capacitors,
or
snubber
•
Unity-Gain Stable
networks, it is ideally suited for low-power portable
systems that require minimum volume and weight.
APPLICATIONS
Additional LM4991 features include thermal shutdown
•
Wireless and Cellular Handsets
protection, unity-gain stability, and external gain set.
•
PDAs
Note: An LM4991LD that has been properly mounted
•
Portable Computers
to a circuit board will deliver 3W into 3
Ω (at 10%
•
Desktop Computers
THD). The other package options for the LM4991 will
deliver 1.5W into 8
Ω (at 10% THD). See the
KEY SPECIFICATIONS
Application
Information
sections
for
further
information
concerning
the
LM4991LD
and
•
Improved PSRR at 217kHz and 1kHz: 64 dB
LM4991M.
(typ)
•
PO at VDD = 5.0V, 10% THD, 1kHz
–
LM4991LD (only), 3
Ω, 4Ω: 3W (typ), 2.5 W
(typ)
–
All packages, 8
Ω load: 1.5 W (typ)
•
Shutdown current: 0.1µA (typ)
Connection Diagrams
Top View
Top View
Figure 1. SOIC Package
Figure 2. WSON Package
See Package Number D0008A
See Package Number NGN0008A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4991MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4991MA/NOPB TI2-LM4991MA/NOPB Datasheet
833Kb / 27P
LM4991 3W Audio Power Amplifier with Shutdown Mode
REVISED APRIL 2013
LM4991MA/NOPB.A TI2-LM4991MA/NOPB.A Datasheet
833Kb / 27P
LM4991 3W Audio Power Amplifier with Shutdown Mode
REVISED APRIL 2013
More results

Similar Description - LM4991MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4991 NSC-LM4991 Datasheet
543Kb / 15P
3W Audio Power Amplifier with Shutdown Mode
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871_03 Datasheet
469Kb / 16P
3W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4871MM TI1-LM4871MM Datasheet
1Mb / 23P
3W Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
SHOUDING Shouding Semic...
SD8002A SHOUDING-SD8002A Datasheet
1Mb / 10P
3W Mono with Shutdown Mode Audio Power Amplifier
SD8002D SHOUDING-SD8002D Datasheet
635Kb / 3P
3W Mono with Shutdown Mode Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM8002 HMSEMI-HM8002 Datasheet
394Kb / 8P
3W mono audio power amplifier with shutdown mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com