Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E136JC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10E136JC
Description  6-BIT UNIVERSAL UP/DOWN COUNTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E136JC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10E136JC Datasheet HTML 1Page - Micrel Semiconductor SY10E136JC Datasheet HTML 2Page - Micrel Semiconductor SY10E136JC Datasheet HTML 3Page - Micrel Semiconductor SY10E136JC Datasheet HTML 4Page - Micrel Semiconductor SY10E136JC Datasheet HTML 5Page - Micrel Semiconductor SY10E136JC Datasheet HTML 6Page - Micrel Semiconductor SY10E136JC Datasheet HTML 7Page - Micrel Semiconductor SY10E136JC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SY10E136
SY100E136
Micrel
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E136JC
J28-1
Commercial
SY10E136JCTR
J28-1
Commercial
SY100E136JC
J28-1
Commercial
SY100E136JCTR
J28-1
Commercial
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
fCOUNT
Maximum Count Frequency
550
650
—
550
650
—
550
650
—
MHz
—
tPLH
Propagation Delay to Output
ps
—
tPHL
CLK to Q
850
1150
1450
850
1150
1450
850
1150
1450
MR to Q
850
1150
1450
850
1150
1450
850
1150
1450
CLK to COUT
800
1150
1300
800
1150
1300
800
1150
1300
CLK to CLOUT
825
1150
1400
825
1150
1400
825
1150
1400
tS
Set-up Time
ps
—
S1, S2
1500
650
—
1500
650
—
1500
650
—
D
800
400
—
800
400
—
800
400
—
CLIN
150
0
—
150
0
—
150
0
—
CIN
800
400
—
800
400
—
800
400
—
tH
Hold Time
ps
—
S1, S2
150
–200
—
150
–200
—
150
–200
—
D150
–250
—
150
–250
—
150
–250
—
CLIN
300
0
—
300
0
—
300
0
—
CIN
150
–250
—
150
–250
—
150
–250
—
tRR
Reset Recovery Time
1000
700
—
1000
700
—
1000
700
—
ps
—
tPW
Minimum Pulse Width
700
400
—
700
400
—
700
400
—
ps
—
CLK, MR
tr
Rise/Fall Times
ps
—
tf
20% to 80%
COUT
275
—
600
275
—
600
275
—
600
Other
300
—
700
300
—
700
300
—
700
LOGIC DIAGRAM
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
—
IEE
Power Supply Current
mA
—
10E
—
125
150
—
125
150
—
125
150
100E
—
125
150
—
125
150
—
140
170
LOGIC DIAGRAM
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com