Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E151JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10E151JC
Description  6-BIT D REGISTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E151JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10E151JC Datasheet HTML 1Page - Micrel Semiconductor SY10E151JC Datasheet HTML 2Page - Micrel Semiconductor SY10E151JC Datasheet HTML 3Page - Micrel Semiconductor SY10E151JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10E151
SY100E151
Micrel
AC ELECTRICAL CHARACTERISTICS
(2)
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
fMAX
Max. Toggle Frequency
1100 1400
—
1100 1400
—
1100 1400
—
MHz
—
tPLH
Propagation Delay to Output
ps
—
tPHL
CLK
475
650
800
475
650
800
475
650
800
MR
475
650
850
475
650
850
475
650
850
tS
Set-up Time, D
0
–175
—
0
–175
—
0
–175
—
ps
—
tH
Hold Time, D
350
175
—
350
175
—
350
175
—
ps
—
tRR
Reset Recovery Time
750
550
—
750
550
—
750
550
—
ps
—
tPW
Minimum Pulse Width
400
——
400
——
400
——
ps
—
CLK, MR
tskew
Within-Device Skew
—
65
——
65
——
65
—
ps
1
tr
Rise/Fall Time
300
450
700
300
450
700
300
450
700
ps
—
tf
20% to 80%
NOTE:
1. Within-device skew is defined as identical transitions on similar paths through a device.
2. Specification for packaged product only.
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E151JI
J28-1
Industrial
SY10E151JITR*
J28-1
Industrial
SY100E151JI
J28-1
Industrial
SY100E151JITR*
J28-1
Industrial
*Tape and Reel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com