Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E166 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10E166
Description  9-BIT MAGNITUDE COMPARATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E166 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E166 Datasheet HTML 1Page - Micrel Semiconductor SY10E166 Datasheet HTML 2Page - Micrel Semiconductor SY10E166 Datasheet HTML 3Page - Micrel Semiconductor SY10E166 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E166
SY100E166
Micrel
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
—
IEE
Power Supply Current
mA
—
10E
—
113
136
—
113
136
—
113
136
100E
—
113
136
—
113
136
—
130
156
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
tPLH
Propagation Delay to Output
ps
—
tPHL
D to A = B
500
750
1100
500
750
1100
500
750
1100
D to A < B, A > B
500
850
1400
500
850
1400
500
850
1400
tr
Rise/Fall Time
300
450
800
300
450
800
300
450
800
ps
—
tf
20% to 80%
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E166JC
J28-1
Commercial
SY10E166JCTR
J28-1
Commercial
SY100E166JC
J28-1
Commercial
SY100E166JCTR
J28-1
Commercial



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com