Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4124DL-T92-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 4124DL-T92-R
Description  MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4124DL-T92-R Datasheet(HTML) 2 Page - Unisonic Technologies

  4124DL-T92-R Datasheet HTML 1Page - Unisonic Technologies 4124DL-T92-R Datasheet HTML 2Page - Unisonic Technologies 4124DL-T92-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4124D
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R204-031.B
ABSOLUTE MAXIMUM RATINGS (TC=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage (VBE=0)
VCES
350
V
Collector-Emitter Voltage (IB=0)
VCEO
200
V
Emitter-Base Voltage
VEBO
7
V
Continuous Collector Current
DC
IC
2
A
Pulse (Note 2)
ICP
4
A
Base Current
DC
IB
1
A
Pulse (Note 2)
IBP
2
A
Total Dissipation
TO-92
PC
1.5
W
TO-126
20
W
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are stress ratings only and functional device operation is not implied. Absolute
maximum ratings are those values beyond which the device could be permanently damaged.
2. Pulse Test: Pulse Width=5.0ms, Duty Cycle<10%.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
TO-92
θJC
80
°C/W
TO-126
6.25
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=1mA, IB=0
350
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=10mA, IB=0
200
V
Emitter-Base Breakdown Voltage
BVEBO
IE=1mA, IC=0
7
V
Collector Cut-Off Current
ICBO
VCB=350V, IE=0
100
µA
Collector-Emitter Cut-Off Current
ICEO
VCE=200V, IB=0
50
µA
Emitter Cut-Off Current
IEBO
VEB=7V, IC=0
10
μA
Collector-Emitter Saturation Voltage
VCE(SAT)1
IC=0.5A, IB=0.1A
0.8
V
VCE(SAT)2
IC=1.5A, IB=0.5A
1.0
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=1A, IB=0.25A
1.5
V
DC Current Gain
hFE1
IC=0.2A,VCE=5V
8
50
hFE2
IC=2A,VCE=5V
5
Transition Frequency
fT
IC=0.5A, VCE=10V
4
MHz
Storage Time
tS
VCC=24V, IC=0.5A, IB1=-IB2=0.1A
4
μs
Fall Time
tF
0.7
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com