Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZTA92G-AA3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PZTA92G-AA3-R
Description  HIGH VOLTAGE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PZTA92G-AA3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  PZTA92G-AA3-R Datasheet HTML 1Page - Unisonic Technologies PZTA92G-AA3-R Datasheet HTML 2Page - Unisonic Technologies PZTA92G-AA3-R Datasheet HTML 3Page - Unisonic Technologies PZTA92G-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PZTA92/93
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R207-006.E
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
PZTA92
VCBO
-300
V
PZTA93
-200
V
Collector-Emitter Voltage
PZTA92
VCEO
-300
V
PZTA93
-200
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-500
mA
Collector Power Dissipation
Pc
1
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=-100μA, IE=0
PZTA92
-300
V
PZTA93
-200
V
Collector-Emitter Breakdown Voltage
BVCEO
IC =-1mA, IB=0
PZTA92
-300
V
PZTA93
-200
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-100μA, IC =0
-5
V
Collector Cut-Off Current
ICBO
VCB=-200V, IE=0
PZTA92
-0.25
μA
VCB=-160V, IE=0
PZTA93
-0.25
μA
Emitter Cut-Off Current
IEBO
VEB=-3V, IC =0
-0.10
μA
DC Current Gain (Note)
hFE
VCE=-10V, IC =-1mA
60
VCE=-10V, IC =-10mA
80
VCE=-10V, IC =-30mA
80
Collector-Emitter Saturation Voltage
VCE(SAT) IC =-20mA, IB=-2mA
-0.5
V
Base-Emitter Saturation Voltage
VBE(SAT) IC =-20mA, IB=-2mA
-0.90
V
Current Gain Bandwidth Product
fT
VCE=-20V,Ic=-10mA, f=100MHz
50
MHz
Collector Base Capacitance
CCB
VCB=-20V, IE=0, f=1MHz
PZTA92
6
pF
PZTA93
8
pF
Note: Pulse test: PW<300μs, Duty Cycle<2%, VCE (SAT) <200mV (Class SIN)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com