Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP107L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TIP107L-TN3-R
Description  PNP EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP107L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  TIP107L-TN3-R Datasheet HTML 1Page - Unisonic Technologies TIP107L-TN3-R Datasheet HTML 2Page - Unisonic Technologies TIP107L-TN3-R Datasheet HTML 3Page - Unisonic Technologies TIP107L-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIP107
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R203-023.D
ABSOLUTE MAXIMUM RATING (T
C=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCES
-100
V
Emitter-Base Voltage
VEBO
-5
V
DC
IC
-8
A
Collector Current
Pulse
ICP
-15
A
Base Current
DC
IB
-1
A
TO-220/TO-220F
80
W
TO-252
41
W
Collector Power Dissipation
TO-126/TO-126S
PC
10
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~+150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
C=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Emitter Sustaining Voltage
VCEO(SUS)
IC=-30mA, IB=0A
-100
V
Collector-Base Cut-Off Current
ICBO
VCB=-100V, IE=0A
-50
µA
Collector-Emitter Cut-Off Current
ICEO
VCE=-50V, IB=0A
50
µA
Emitter-Base Cut-Off Current
IEBO
VEB=-5V, IC=0A
-2
mA
ON CHARACTERISTICS
hFE1
VCE=-4V, IC=-3A
1000
20000
DC Current Gain
hFE2
VCE=-4V, IC=-8A
200
IC=-3A, IB=-6mA
-2
V
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-8A, IB=-80mA
-2.5
V
Base-Emitter ON Voltage
VBE(ON)
VCE=-4V, IC=-8A
-2.8
V
SMALL-SIGNAL CHARACTERISTICS
Output Capacitance
Cob
VCB=-10V, IE=0A, f=0.1MHZ
300
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com