Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD2195G-AB3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UD2195G-AB3-R
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD2195G-AB3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UD2195G-AB3-R Datasheet HTML 1Page - Unisonic Technologies UD2195G-AB3-R Datasheet HTML 2Page - Unisonic Technologies UD2195G-AB3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UD2195
Preliminary
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R208-043.a
ABSOLUTE MAXIMUM RATING (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
130
V
Collector-Emitter Voltage
VCEO
120
V
Emitter-Base Voltage
VEBO
5
V
DC
4
Collector Current
Pulse(Note 2)
IC
6
A
Collector Dissipation
PC
0.6
W
Junction Temperature
TJ
150
Storage Temperature
TSTG
-55 ~ +150
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Note: 1 .Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Note: 2. Pulse test: Pulse Width≦350
μs, Duty Cycle≦2%
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction-to-Ambient
θJA
208
/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=100μA, IE=0
130
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=1mA, IB=0
120
V
Base-Emitter Turn-On Voltage
VBE(ON)
VCE =4V, IC=2A
2.8
V
Collector Cutoff Current
ICBO
VCB=100V, IE=0
1
mA
Collector Cutoff Current
ICEO
VCE =50V, IB=0
2
mA
Emitter Cutoff Current
IEBO
VEB=5V, IC=0
2
mA
ON CHARACTERISTICS
VCE=4V, IC=1A
1000
DC Current Gain (Note)
hFE
VCE=4V, IC=2A
500
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=2A, IB=2mA
2
V
SMALL-SIGNAL CHARACTERISTICS
Output Capacitance
Cob
VCB=10V, IE=0A, f=1MHz
200
pF
Note: Pulse test: Pulse Width≦380
μs, Duty Cycle≦2%
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com