Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UN1596L-AA3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UN1596L-AA3-R
Description  NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UN1596L-AA3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UN1596L-AA3-R Datasheet HTML 1Page - Unisonic Technologies UN1596L-AA3-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UN1596
Preliminary
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R207-021.b
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
180
V
Collector-Emitter Voltage
VCEO
180
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
0.5
A
Peak Pulse Current
ICM
1
A
Collector Power dissipation
TA=25°С
PC
2
W
Junction Temperature
TJ
+150
°С
Storage Temperature
TSTG
−55 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=100μA
180
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=10mA
180
V
Emitter-Base Breakdown Voltage
BVEBO
IE=100μA
5
V
Base-Emitter Turn-On Voltage
VBE(ON)
IC=200mA, VCE=5V
0.9
V
Collector Cutoff Current
ICBO
VCB=140V
100
nA
Emitter Cutoff Current
IEBO
VEB=4V
100
nA
ON CHARACTERISTICS
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=50mA, IB=0.5mA
0.2
V
IC=100mA, IB=2mA
0.2
IC=250mA, IB=5mA
0.25
Base-Emitter Saturation Voltage
VBE(SAT)
IC=20mA, IB=5mA
0.9
V
DC Current Transfer Ratio
hFE
IC=100mA, VCE=5V
500
IC=200mA, VCE=5V
150
SMALL-SIGNAL CHARACTERISTICS
Transition Frequency
fT
IC=50mA, VCE=5V, f=50MHz
70
MHz
Input Capacitance
CI
VEB=0.5V, f=1MHz
200
pF
Output Capacitance
CO
VCB=10V, f=1MHz
6
pF
Switching Times
tON
IC=100mA, IB1=10mA
80
ns
tOFF
IB2=10mA, VCC=50V
4400
Note: Pulse width=300μs. Duty cycle≦2%
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com