Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP112G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TIP112G-TN3-R
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP112G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TIP112G-TN3-R Datasheet HTML 1Page - Unisonic Technologies TIP112G-TN3-R Datasheet HTML 2Page - Unisonic Technologies TIP112G-TN3-R Datasheet HTML 3Page - Unisonic Technologies TIP112G-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TIP112
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R203-022.D
NPN EPITAXIAL SILICON
DARLINGTON TRANSISTOR
DESCRIPTION
The UTC TIP112 is designed for such applications as: DC/DC
converters supply line switching, battery charger, LCD backlighting,
peripheral drivers, Driver in low supply voltage applications (e.g.
lamps and LEDs) and inductive load driver (e.g. relays, buzzers and
motors).
FEATURES
* High DC current gain : hFE = 1000 @ VCE =4V, IC=1A (Min)
* Low collector-emitter saturation voltage
EQUIVALENT TEST (R1≈10kΩ, R2≈0.6kΩ)
R1
R2
E
B
C
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
TIP112L-T60-K
TIP112G-T60-K
TO-126
E
C
B
Bulk
TIP112L-TA3-T
TIP112G-TA3-T
TO-220
B
C
E
Tube
TIP112L-TN3-R
TIP112G-TN3-R
TO-252
B
C
E
Tape Reel
TIP112L-TN3-T
TIP112G-TN3-T
TO-252
B
C
E
Tube


Similar Part No. - TIP112G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TIP112G-TN3-R UTC-TIP112G-TN3-R Datasheet
189Kb / 4P
NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR
More results

Similar Description - TIP112G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com