Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E404 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10E404
Description  QUAD DIFFERENTIAL AND/NAND
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E404 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E404 Datasheet HTML 1Page - Micrel Semiconductor SY10E404 Datasheet HTML 2Page - Micrel Semiconductor SY10E404 Datasheet HTML 3Page - Micrel Semiconductor SY10E404 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E404
SY100E404
Micrel
TRUTH TABLE
Da
Db
Q
Da
Db
Q
LL
L
L
L
L
LH
L
L
H
H
HL
L
H
L
H
HH
H
H
H
H
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
—
—
150
—
—
150
—
—
150
µA—
IEE
Power Supply Current
mA
—
10E
—
106
127
—
106
127
—
106
127
100E
—
106
127
—
106
127
—
122
146
VPP (DC)
Input Sensitivity
50
—
—
50
—
—
50
—
—
mV
1
VCMR
Common Mode Range
–1.5
—
0
–1.5
—
0
–1.5
—
0
V
2
NOTES:
1. Differential input voltage required to obtain a full ECL swing on the outputs.
2. VCMR is referenced to the most positive side of the differential input signal. Normal operation is obtained when the input signals are within the VCMR range
and the input swing is greater than VPP (min.) and <1V.
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
tPLH
Propagation Delay to Output
ps
—
tPHL
Da (Diff)
350
475
650
350
475
650
350
475
650
Da (SE)
300
475
700
300
475
700
300
475
700
Db (Diff)
375
500
675
375
500
675
375
500
675
Db (SE)
325
500
725
325
500
725
325
500
725
tskew
Within-Device Skew
—
50
—
—
50
—
—
50
—
ps
1
VPP(AC)
Minimum Input Swing
150
—
—
150
—
—
150
—
—
mV
2
tr
Rise/Fall Time
150
—
400
150
—
400
150
—
400
ps
—
tf
20–80%
NOTES:
1. Within-device skew is defined as identical transitions on similar paths
through a device.
2. Minimum input swing for which AC parameters are guaranteed.
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E404JC
J28-1
Commercial
SY10E404JCTR
J28-1
Commercial
SY100E404JC
J28-1
Commercial
SY100E404JCTR
J28-1
Commercial



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com