Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847BSG-AL6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BC847BSG-AL6-R
Description  NPN GENERAL PURPOSE AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC847BSG-AL6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  BC847BSG-AL6-R Datasheet HTML 1Page - Unisonic Technologies BC847BSG-AL6-R Datasheet HTML 2Page - Unisonic Technologies BC847BSG-AL6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BC847BS
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
Ver.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCES
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
100
mA
Power Dissipation
PD
325
mW
Derate above 25°C
2.8
mW/°C
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
357
°C/W
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCES
IC=10µA, IE=0
50
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=10mA, IB=0
45
V
Emitter-Base Breakdown Voltage
BVEBO
IE=10µA, IC=0
6.0
V
Collector Cut-Off Current
ICBO
VCB=30V
15
nA
VCB=30V, TA=150°C
5.0
μA
Collector-Emitter Saturation Voltage
VCE(sat)
IC=10mA, IB=0.5mA
0.25
V
IC=100mA, IB=5.0mA
0.6
V
Base-Emitter Turn-On Voltage
VBE(on)
IC=2.0mA, VCE=5.0V
0.58
0.70
V
IC=10mA, VCE=5.0V
0.77
V
DC Current Gain
hFE
IC=2.0mA, VCE=5.0V
200
450
Transition Frequency
fT
IC=10mA, VCE=5.0V, f=100MHz
100
MHz
Output Capacitance
Cobo
VCB=10V, f=1.0MHz
4.5
pF
Noise Figure
NF
IC=0.2mA,
VCE=5.0V,
RS=2.0kΩ,
f=1.0kHz, BW=200Hz
10
dB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com