Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA113TG-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # DTA113TG-AE3-R
Description  PNP DIGITAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA113TG-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  DTA113TG-AE3-R Datasheet HTML 1Page - Unisonic Technologies DTA113TG-AE3-R Datasheet HTML 2Page - Unisonic Technologies DTA113TG-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTA113T
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R206-091.D
ABSOLUTE MAXIMUM RATINGS (TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-100
mA
Peak Collector Current
ICM
-200
mA
Collector Power Dissipation
PC
150
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Emitter Breakdown Voltage
BVCEO
IC=-100μA, RBE=∞
-50
V
Collector-Emitter Saturation Voltage
VCE(SAT) IC=-10mA, IB=-0.5mA
-0.3
V
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-0.1
μA
DC Current Gain
hFE
VCE=-5V, IC=-1mA
100
Input Resistance
RIN
0.7
1.0
1.3
kΩ
Current Gain Bandwidth Product
fT
VCE=-6V, IE=10mA
150
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com