Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E445JC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10E445JC
Description  4-BIT SERIAL-to-PARALLEL CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E445JC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10E445JC Datasheet HTML 1Page - Micrel Semiconductor SY10E445JC Datasheet HTML 2Page - Micrel Semiconductor SY10E445JC Datasheet HTML 3Page - Micrel Semiconductor SY10E445JC Datasheet HTML 4Page - Micrel Semiconductor SY10E445JC Datasheet HTML 5Page - Micrel Semiconductor SY10E445JC Datasheet HTML 6Page - Micrel Semiconductor SY10E445JC Datasheet HTML 7Page - Micrel Semiconductor SY10E445JC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SY10E445
SY100E445
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
LOGIC DIAGRAM
AC CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
fMAX
Max. Conversion Frequency
2.0
——
2.0
——
2.0
——
Gb/s
1
2.5
——
2.5
——
2.5
——
NRZ
2
tPD
Propagation Delay to Output
ps
—
CLK to Q
1500
1800
2100
1500
1800
2100
1500
1800
2100
CLK to SOUT
800
975
1150
800
975
1150
800
975
1150
CLK to CL/4
1100
1325
1550
1100
1325
1550
1100
1325
1550
CLK to CL/8
1100
1325
1550
1100
1325
1550
1100
1325
1550
tS
Set-up Time
ps
—
SINA, SINB
–100
–250
—–100
–250
—–100
–250
—
SEL
0
–200
—
0
–200
—
0
–200
—
tH
Hold Time, SINA, SINB, SEL
450
300
—
450
300
—
450
300
—
ps
—
tRR
Reset Recovery Time
500
300
—
500
300
—
500
300
—
ps
—
tPW
Minimum Pulse Width
400
——
400
——
400
——
ps
—
CLK, MR
tr
Rise/Fall Times
ps
—
tf
20% to 80%
SOUT
100
225
350
100
225
350
100
225
350
Other
200
425
650
200
425
650
200
425
550
Notes:
1. Guaranteed for input clock amplitudes of 150mV to 800mV.
2. Guaranteed for input clock amplitudes of 150mV to 400mV.
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
—
VOH
Output HIGH Voltage
V
(SOUT only) 10E
–1020
—–790
–980
—–760
–910
—–670
1
(SOUT only) 100E
–1025
—–830 –1025
—–830 –1025
—–830
1
VBB
Output Reference Voltage
V
10E
–1.38
—–1.27 –1.35
—–1.25 –1.31
—–1.19
100E
–1.38
—–1.26 –1.38
—–1.26 –1.38
—–1.26
IEE
Power Supply Current
mA
—
10E
—
154
185
—
154
185
—
154
185
100E
—
154
185
—
154
185
—
177
212
Note:
1. The maximum VOH limit was relaxed from standard ECL due to the high frequency output design. All other outputs are specified with the standard 10E
and 100E VOH levels.
LOGIC DIAGRAM
DC CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
LOGIC DIAGRAM
TRUTH TABLES
Mode
Conversion
L
4-Bit
H
8-Bit
SEL
Serial Input
HA
LB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com