Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA114TG-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # DTA114TG-AE3-R
Description  DIGITAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA114TG-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  DTA114TG-AE3-R Datasheet HTML 1Page - Unisonic Technologies DTA114TG-AE3-R Datasheet HTML 2Page - Unisonic Technologies DTA114TG-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTA114T
PNP SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
2 of 3
www.unisonic.com.tw
QW-R206-061.D
ABSOLUTE MAXIMUM RATINGS (TA= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-100
mA
Collector Power Dissipation
SOT-23
PC
200
mW
SOT-323/SOT-523
150
TO-92
625
TO-92SP
550
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
IC=-50μA
-50
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=-1mA
-50
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-50μA
-5
V
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-10mA, IB=-1mA
-0.3
V
Collector Cutoff Current
ICBO
VCB=-50V
-0.5
μA
Emitter Cutoff Current
IEBO
VEB=-4V
-0.5
μA
ON CHARACTERISTICS
DC Current Gain
hFE
VCE=-5V, IC=-1mA
100
250
600
SMALL SIGNAL CHARACTERISTICS
Input Resistance
R1
7
10
13
kΩ
Transition Frequency
fT
VCE=-10V, IE=5mA,f=100MHz (Note)
250
MHz
Note: Transition frequency of the device



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com