Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA115EG-AL3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # DTA115EG-AL3-R
Description  PNP DIGITAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA115EG-AL3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  DTA115EG-AL3-R Datasheet HTML 1Page - Unisonic Technologies DTA115EG-AL3-R Datasheet HTML 2Page - Unisonic Technologies DTA115EG-AL3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
DTA115E
PNP EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R220-016.C
PNP DIGITAL TRANSISTOR
(BUILT-IN RESISTORS)
FEATURES
* Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input resistors (see the
equivalent circuit).
* The bias resistors consist of thin-film resistors with complete
isolation to allow positive biasing of the input They also have
the advantage of almost completely eliminating parasitic
effects.
* Only the on / off conditions need to be set for operation,
making device design easy.
EQUIVALENT CIRCUIT
IN
OUT
OUT
IN
R1
R2
GND (+)
GND (+)
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
Packing
DTA115EG-AE3-R
SOT-23
G
I
O
Tape Reel
DTA115EG-AL3-R
SOT-323
G
I
O
Tape Reel
Note: Pin Assignment: G: GND I: IN O: OUT
MARKING


Similar Part No. - DTA115EG-AL3-R

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA115E ROHM-DTA115E Datasheet
704Kb / 9P
DIGITAL TRANSISTOR
logo
Unisonic Technologies
DTA115E UTC-DTA115E Datasheet
87Kb / 2P
PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
logo
Rohm
DTA115E ROHM-DTA115E Datasheet
1Mb / 13P
PNP -100mA -50V Digital Transistor
logo
Unisonic Technologies
DTA115E-AL3-R UTC-DTA115E-AL3-R Datasheet
85Kb / 2P
PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
logo
Rohm
DTA115ECA ROHM-DTA115ECA Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistors
More results

Similar Description - DTA115EG-AL3-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DTA114TE MCC-DTA114TE Datasheet
112Kb / 3P
PNP Digital Transistor
DTA114TUA MCC-DTA114TUA Datasheet
112Kb / 3P
PNP Digital Transistor
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Unisonic Technologies
DTA144T UTC-DTA144T_11 Datasheet
190Kb / 3P
PNP DIGITAL TRANSISTOR
logo
WILLAS ELECTRONIC CORP
DTA123JE WILLAS-DTA123JE Datasheet
342Kb / 2P
PNP Digital Transistor
DTA123JUA WILLAS-DTA123JUA Datasheet
336Kb / 2P
PNP Digital Transistor
DTA143EUA WILLAS-DTA143EUA Datasheet
394Kb / 2P
PNP Digital Transistor
DTA144EUA WILLAS-DTA144EUA Datasheet
301Kb / 2P
PNP Digital Transistor
logo
Taiwan Semiconductor Co...
DTA114-YM TSC-DTA114-YM Datasheet
116Kb / 2P
PNP Digital Transistor
logo
Shenzhen Luguang Electr...
LGDTA144TE LUGUANG-LGDTA144TE Datasheet
769Kb / 2P
Digital Transistor(PNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com