Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA143XG-AN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # DTA143XG-AN3-R
Description  PNP DIGITAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA143XG-AN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  DTA143XG-AN3-R Datasheet HTML 1Page - Unisonic Technologies DTA143XG-AN3-R Datasheet HTML 2Page - Unisonic Technologies DTA143XG-AN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTA143X
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R206-078.F
ABSOLUTE MAXIMUM RATINGS ( TA=25°C, unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-50
V
Input Voltage
VI
-20 ~ +7
V
Output Current
IO
-100
mA
IC(MAX.)
-100
Power Dissipation
SOT-23/SOT-323/SOT-523
PD
300
mW
TO-92
625
TO-92SP
550
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS ( TA=25°C, unless otherwise specified )
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Input Voltage
VI(OFF)
VCC=−5V, IO=−100μA
-0.3
V
VI(ON)
VO=−0.3V, IO=−20mA
-2.5
Output Voltage
VO(ON)
IO/II=−10mA/−0.5mA
-0.1
-0.3
V
Input Current
II
VI=−5V
-1.8
mA
Output Current
IO(OFF)
VCC=−50V, VI=0V
-0.5
μA
DC Current Gain
hFE
VO=−5V, IO=−10mA
30
Input Resistance
R1
3.29
4.7
6.11
KΩ
Resistance Ratio
R2/R1
1.7
2.1
2.6
Transition Frequency
fT
VCE=−10V, IE=5mA, f=100MHz (Note)
250
MHz
Note: Transition frequency of the device



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com