Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA143ZG-AL3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # DTA143ZG-AL3-R
Description  DIGITAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA143ZG-AL3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  DTA143ZG-AL3-R Datasheet HTML 1Page - Unisonic Technologies DTA143ZG-AL3-R Datasheet HTML 2Page - Unisonic Technologies DTA143ZG-AL3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTA143Z
PNP SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
2 of 3
www.unisonic.com.tw
QW-R206-072.G
ABSOLUATE MAXIUM RATINGS (TA = 25°C, unless otherwise specified)
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA= 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN(OFF)
VCC= -5V, IOUT= -100μA
-0.5
V
VIN(ON)
VOUT= -0.3V, IOUT= -5mA
-1.3
Output Voltage
VOUT(ON) IOUT/IIN= -5mA/-0.25mA
-0.1
-0.3
V
Input Current
IIN
VIN= -5V
-1.8
mA
Output Current
IOUT(OFF) VCC= -50V , VIN=0V
-0.5
μA
DC Current Gain
hFE
VOUT= -5V, IOUT= -10mA
80
Input Resistance
R1
3.29
4.7
6.11
kΩ
Resistance Ratio
R2/R1
8
10
12
Transition Frequency
fT
VCE= -10V, IE=-5mA, f=100MHz (Note)
250
MHz
Note: Transition frequency of the device
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-50
V
Input Voltage
VIN
-30 ~ +5
V
Output Current
IOUT(MAX)
-100
mA
Power Dissipation
SOT-523
PD
150
mW
SOT-23/SOT-323
200
TO-92
625
TO-92SP
550
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com