Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC113TG-AL3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # DTC113TG-AL3-R
Description  NPN DIGITAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTC113TG-AL3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  DTC113TG-AL3-R Datasheet HTML 1Page - Unisonic Technologies DTC113TG-AL3-R Datasheet HTML 2Page - Unisonic Technologies DTC113TG-AL3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTC113T
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R223-001.C
ABSOLUTE MAXIMUM RATINGS (TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
50
V
Emitter to Base Voltage
VEBO
6
V
Collector to Emitter voltage
VCEO
50
V
Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Collector Power Dissipation
SOT-23/SOT-323
PC
200
mW
SOT-523
150
Junction Temperature
TJ
+150
C
Storage Temperature
TSTG
-55~+150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Emitter Breakdown Voltage
BVCEO
IC=100μA, RBE=∞
50
V
Collector Cut-off Current
ICBO
VCB=50V, IE=0
0.1
μA
DC Current Gain
hFE
VCE=5V, IC=1mA
100
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=10mA, IB=0.5mA
0.3
V
Input Resistance
R1
0.7
1.0
1.3
kΩ
Current Gain Bandwidth Product
fT
VCE=6V, IE=-10mA
200
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com