Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC123EG-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # DTC123EG-AE3-R
Description  DIGITAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTC123EG-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  DTC123EG-AE3-R Datasheet HTML 1Page - Unisonic Technologies DTC123EG-AE3-R Datasheet HTML 2Page - Unisonic Technologies DTC123EG-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DTC123E
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R206-085.E
TYPICAL CHARACTERISTIC
1K
500
0.1
0.2
12
5
10
20
100
Output Current, IOUT (mA)
-40°C
25°C
TA=100°C
VOUT=5V
200
100
50
20
10
5
2
1
DC Current Gain vs. Output Current
1
500m
0.1
0.2
0.5
1
2
10
20
50 100
Output Current, IOUT (mA)
-40°C
25°C
TA=100°C
200m
100m
50m
20m
10m
5m
2m
1m
Output Voltage vs. Output Current
lOUT/lIN=20mA
0.5
5
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com