Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA42G-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MMBTA42G-AE3-R
Description  HIGH VOLTAGE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA42G-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MMBTA42G-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA42G-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA42G-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBTA42G-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBTA42/43
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R206-004.G
TYPICAL CHARACTERISTICS
1K
500
1
2
5
10 20
50 100 200 500
200
100
50
20
10
5
2
1
DC Current Gain vs. Output Current
Ta=25°C
Ta=150°C
Ta=-50°C
VCE=5V
Collector Current, IC (mA)
1K
500
12
5
10 20
50 100 200 500
200
100
50
20
10
5
2
1
DC Current Gain vs. Output Current
Collector Current, IC (mA)
Ta=25℃
Ta=150℃
Ta=-50℃
VCE=10V
12
5
10 20
50 100 200
500
Collector Emitter Saturation vs.
Collector Current
Collector Current, IC (mA)
IC/IB=10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
110
100
Collector Current, IC (mA)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
Ta=150°C
Ta=25°C
VCE=5V
Ta=-50°C
Collector Emitter Saturation vs.
Collector Current
Ta=150°C
Ta=-50°C
Ta=25°C
Current Gain Bandwidth Product
Collector Current, IC (mA)
24
8
20
Ta=25°C
6
10
10.0
100.0
1000.0
VCE=5V
12 14 16 18
400
350
100
50
0
25
50
75
100
125
150
300
250
200
150
0
175
Power Derating Power Dissipation
vs. Case Temperature
Case Temperature, TC (°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com