Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5601 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5601
Description  20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5601 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5601 Datasheet HTML 9Page - Texas Instruments TAS5601 Datasheet HTML 10Page - Texas Instruments TAS5601 Datasheet HTML 11Page - Texas Instruments TAS5601 Datasheet HTML 12Page - Texas Instruments TAS5601 Datasheet HTML 13Page - Texas Instruments TAS5601 Datasheet HTML 14Page - Texas Instruments TAS5601 Datasheet HTML 15Page - Texas Instruments TAS5601 Datasheet HTML 16Page - Texas Instruments TAS5601 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
APPLICATION INFORMATION
CLOSED-LOOP POWER STAGE CHARACTERISTICS
POWER SUPPLIES
DEVICE PROTECTION SYSTEM
TAS5601
www.ti.com....................................................................................................................................... SLAS585A – FEBRUARY 2008 – REVISED SEPTEMBER 2008
The TAS5601 is PWM input power stage with a closed loop architecture. A 2nd order feedback loop varies the
PWM output duty cycle with changes in the supply voltage. This ensures that the output voltage (and output
power) remain the same over transitions in the power supply.
Open-loop power stages have an output duty cycle that is equal to the input duty cycle. Since the duty cycle
does NOT change to compensate for changes in the supply voltage, the output voltage (and power) change with
supply voltage changes. This is undesirable effect that closed-loop architecture of the TAS5601 solves.
The single-ended (SE) gain of the TAS5601 is fixed, and specified below:
TAS5601 Gain = 0.13 / Modulation Level (Vrms/%)
Modulation level = fraction of full-scale modulation of the PWM signal at the input of the power stage.
TAS5601 (SE) Voltage Level (in Vrms) = 0.13 x Modulation Level
The bridge-tied (BTL) gain of the TAS5601 is equal to 2x the SE gain:
TAS5601 (BTL) Voltage Level (in Vrms) = 0.26 x Modulation Level
For a digital modulator like the TAS5706, the default maximum modulation limit is 97.7%. For a full scale input,
the PWM output switches between 2.3% and 97.7%. This equates to a modulation level of 95.4% for a full scale
input (0 dBFS).
For example, calculate the output voltage in RMS volts given a –20 dBFS signal to a digital modulator with a
maximum modulation limit of 97.7% in a BTL output configuration:
TAS5601 Output Voltage = 0.1 (–20dB) x 0.26 (Gain) x 95.4 (Modulation Level)
= 2.48 Vrms
It is also important to maintain a switching signal at the PWM inputs of the TAS5601 while the RESET terminal is
held HIGH (>1.9V). If a switching signal is not maintained on the inputs under the previous condition, a loud
“pop” can occur in the speaker. The TAS5601 is not compatible with modulators that hard mute the outputs
(output go to LOW-LOW state). For MUTE case, the modulator needs to hold outputs switching at 50% duty
cycle.
For power-up, ensure that the PWM inputs are switching before RESET is transitioned HIGH (>1.9V). For
shutdown and power-down, the PWM inputs should remain switching for the “turn-off” time specified in the DC
Electrical Characteristics table. For SE mode, this is approximately 500ms. For BTL mode, the time is much
faster, at 30ms. This ensures the best “pop” performance in the system.
To allow simplified system design, the TAS5601 requires only a single supply (PVCC) for the the power blocks
and a 3.3 V (DVDD) supply for PWM input blocks. In addition, the high-side gate drive is provided by built-in
bootstrap circuits requiring only an external capacitor for each half-bridge.
In order for the bootstrap circuit to function properly, it is necessary to connect a small ceramic capacitor from
each bootstrap pin (BS_) to the corresponding output pin (OUT_). When the power-stage output is low, the
bootstrap capacitor is charged through an internal diode. When the power-stage output is high, the bootstrap
capacitor potential is shifted above the output potential and thus provides a suitable voltage supply for the
high-side gate drive.
The TAS5601 contains a complete set of protection circuits carefully designed to make system design efficient as
well as to protect the device against any kind of permanent failures due to short circuits, overload,
overtemperature, and undervoltage.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TAS5601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com